Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4679 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4679
Description  NPN EPITAXIAL TYPE (HDTV CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4679 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4679 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4679 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4679 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SC4679

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
Various Drivers Applications
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
More results

Similar Description - 2SC4679

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1801 TOSHIBA-2SA1801 Datasheet
86Kb / 1P
TRANSISTOR (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
2SC3613 TOSHIBA-2SC3613 Datasheet
226Kb / 3P
NPN EPITAXIAL TYPE (VIDEO DRIVER STAGE IN HIGH RESOUTION DISPLAY, HIGH SPEED SWITCHING APPLICATIONS)
2SC3805 TOSHIBA-2SC3805 Datasheet
176Kb / 3P
NPN EPITAXIAL TYPE (TV HORIZONTAL DEFLECTION, TV CHROMA OUTPUT APPLICATIONS)
2SC4439 TOSHIBA-2SC4439 Datasheet
218Kb / 3P
NPN EPITAXIAL TYPE (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY, HIGH SPEED SWITCHING APPLICATIONS)
2SC4448 TOSHIBA-2SC4448 Datasheet
194Kb / 3P
NPN EPITAXIAL TYPE (CHROMA, VIDEO OUTPUT APPLICATIONS FOR HDTV,HIGH RESOLUTION DISPLAY)
2SC4479 TOSHIBA-2SC4479 Datasheet
229Kb / 3P
NPN EPITAXIAL TYPE (VIDEO OUTPUT APPLICATIONS FOR SUPER HIGH RESOLUTION DISPLAY. HIGH SPEED SWITCHING APPLICATIONS)
2SC4605 TOSHIBA-2SC4605 Datasheet
228Kb / 3P
NPN EPITAXIAL TYPE (VIDEO OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)
2SC4678 TOSHIBA-2SC4678 Datasheet
203Kb / 3P
NPN EPITAXIAL TYPE (HIGH CHROMA OUTPUT APPLICATIONS, VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
2SC5468 TOSHIBA-2SC5468 Datasheet
88Kb / 1P
NPN EPITAXIAL TYPE (VIDEO OUTPUT STAGE IN HIGH RESOLUTION DISPLAY)
logo
Sanyo Semicon Device
2SC1755 SANYO-2SC1755 Datasheet
57Kb / 2P
TV Chroma, Video,Audio Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com