Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3-2012WI Datasheet(PDF) 3 Page - Volgen Kaga Electronics Inc.

Part # MT3-2012WI
Description  3 WATT DC/DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

MT3-2012WI Datasheet(HTML) 3 Page - Volgen Kaga Electronics Inc.

  MT3-2012WI Datasheet HTML 1Page - Volgen Kaga Electronics Inc. MT3-2012WI Datasheet HTML 2Page - Volgen Kaga Electronics Inc. MT3-2012WI Datasheet HTML 3Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8
NOTE:
All specifications typical and nominal / full load and 25˚C unless otherwise noted.
Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
TYPE B: SINGLE
1, 2
23, 24
13
12
10, 11,15
20
INPUT + V
INPUT - V
OUTPUT + V
OUTPUT - V
NC
SHUTDOWN
TYPE B: DUAL
1, 2
23, 24
15
13
10, 11
12
20
INPUT + V
INPUT - V
OUTPUT + V
OUTPUT - V
COMMON
NC
SHUTDOWN
MT3-DH05SI
MT3-DH12SI
MT3-DH15SI
MT3-DH05WI
MT3-DH12WI
MT3-DH15WI
MT3-HL05SI
MT3-HL12SI
MT3-HL15SI
MT3-HL05WI
MT3-HL12WI
MT3-HL15WI
12/24VDC
(9-36V)
24/48VDC
(18-72V)
5VDC
12VDC
15VDC
±5VDC
±12VDC
±15VDC
5VDC
12VDC
15VDC
±5VDC
±12VDC
±15VDC
125-500mA
62-250mA
50-200mA
±62-250mA
±31-125mA
±25-100mA
125-500mA
62-250mA
50-200mA
±62-250mA
±31-125mA
±25-100mA
80%
81%
81%
80%
81%
81%
82%
83%
83%
81%
82%
82%
B
MODEL
OUTPUT VOLTAGE
INPUT VOLTAGE
OUTPUT CURRENT
EEF. TYP.
PIN TYPE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com