Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD-2425 Datasheet(PDF) 1 Page - Volgen Kaga Electronics Inc.

Part # STD-2425
Description  ADAPTER - 36W / 48W/ 60W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLGEN [Volgen Kaga Electronics Inc.]
Direct Link  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

STD-2425 Datasheet(HTML) 1 Page - Volgen Kaga Electronics Inc.

  STD-2425 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. STD-2425 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kaga Electronics(USA) Inc.
FEATURE
36W
60W
Desktop:IEC 320
C14
C14
C6,C8,C14
Input Range Voltage:90~264Vac,47~63HZ
ˇˇ
36 watt max.
60 watt max
ˇˇ
ˇˇ
ˇˇ
Leakage current: less than 3.5mA
ˇ
C6, C14
Leakage current: less than 0.25mA
×
C8
Load Regulation ±5%
ˇˇ
ˇˇ
Cable type
UL1185/18AWG
UL1185/18AWG
ˇˇ
300g
325g
LCD Monitor,Notebook,Printer,Portable device
ˇˇ
SAFETY
UL,cUL,GS,PSE,
UL,cUL,GS,PSE,
BSMI,CSA,3C
BSMI ,3C
EMI
CE Class B, Conduction & Raditato
ˇˇ
ˇ
ˇ
ˇ
ˇ
48 watt max
ˇ
ˇ
ˇ
Over Voltage Protection
APPLICATION
ADAPTER - 36W / 48W/ 60W
Efficiency 80%typical
Short Circuit Protection
Weight
UL1185/18AWG
ˇ
UL,cUL,GS,PSE,
BSMI,CSA,N,3C
300g
48W
ˇ
SAFTY & EMI
M.T.B.F.:50,000 hours min.at 25℃,full load
Dimension:120(L)×60(W)×38(H)mm
Output power
×
ˇ


Similar Part No. - STD-2425

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
STD-2421P VOLGEN-STD-2421P Datasheet
125Kb / 2P
ADAPTER - 50W
STD-2427P VOLGEN-STD-2427P Datasheet
125Kb / 2P
ADAPTER - 65W
More results

Similar Description - STD-2425

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
36W Medical Grade Adapter with Interchangeable Plugs
logo
MORNSUN Science& Techno...
MY03609DA MORNSUN-MY03609DA Datasheet
321Kb / 4P
36W AC/DC Adapter
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
MA03609HA MORNSUN-MA03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
36W AC/DC Adapter
ME03609HA MORNSUN-ME03609HA Datasheet
330Kb / 4P
36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
36W SWITCHING ADAPTER
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
36W SWITCHING ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com