Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXES0117 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXES0117
Description  E-Series Surface Mount Mixer 80 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXES0117 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMXES0117 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMXES0117 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E-Series Surface Mount Mixer
80 – 2500 MHz
MAMXES0117
V4
3
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Isolation
LO & RF VSWR
IF VSWR
Typical Performance Curves
Conversion Loss
IF Bandwidth
-16
-14
-12
-10
-8
-6
-4
-2
Freq (MHz)
IIP3 & 1 dB Compression
-50.00
-40.00
-30.00
-20.00
-10.00
Freq (MHz)
LO t o RF
LO t o IF
RF-IF
0.50
1.00
1.50
2.00
2.50
3.00
Freq (MHz)
1.00
1.50
2.00
2.50
3.00
Freq (MHz)
-10.00
-9.00
-8.00
-7.00
-6.00
-5.00
-4.00
IF Bandwidth (MHz)
0.00
5.00
10.00
15.00
20.00
25.00
30.00
Freq (MHz)
1dB
IIP3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com