Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXSS0013 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0013
Description  Low Cost MMIC Mixer 1400 - 2100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0013 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMXSS0013 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
Low Cost MMIC Mixer
1400 - 2100 MHz
Rev. V2
MAMXSS0013
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
VSWR
Conversion Loss (Up/Down)
Two-Tone IMR
Two-Tone IMR
Test Conditions for Wide-Band Application: RF = -10 dBm, IF = 140 MHz, LO = +11 dBm, LO Port resistively matched. Lower LO drive opera-
tion is available for narrow band performance using external reactive matching. The 3 dB IF bandwidth is 500 MHz. IF frequencies above 200
MHz can be optimized for low conversion loss by using external matching components.
7
8
9
10
1700
1800
1900
2000
RF Frequency (MHz)
0
10
20
30
40
1700
1800
1900
2000
LO TO IF
LO TO RF
RF TO IF
RF Frequency (MHz)
Wide-
Isolation
1.0
2.0
3.0
4.0
5.0
1700
1800
1900
2000
LO
RF
RF Frequency (MHz)
40
50
60
70
80
1700
1800
1900
2000
RF Frequency (MHz)
40
50
60
70
80
1400
1575
1750
1925
2100
Frequency (MHz)
7
8
9
10
1400
1575
1750
1925
2100
RF Frequency (MHz)
Conversion Loss
Test Conditions for Down Converter Application: RF = 1850 MHz (-10 dBm), IF = 140 MHz, LO = 1710 MHz (+5 dBm).
Test Conditions for Up Converter Application: LO = 1710 MHz (+5 dBm), IF = 140 MHz (-10 dBm), RF = 1850 MHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com