Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABAES0029 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABAES0029
Description  E-Series RF 1:1 Transformer with tap 50 - 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABAES0029 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABAES0029 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABAES0029 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1616B
V 1.0
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1
E-Series RF 1:1 Transformer with tap, 50-1200 MHz
MABAES0029
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250mW
Operating/Storage Temperature
-40°C to +85°C
Current DC
50 mA
Current RMS
10 mA
Current P-P for 1hr
80 mA
Functional Configuration
Function
Pin No.
Input
4
Ground
5
Output Coupled Leg
3
Output Thru Leg
1
Not connected
2
Typical Performance @ +25°C
Insertion Loss Pin 4-1
Insertion Loss Pin 4-3
Amplitude Imbalance
Phase Imbalance
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
5
176
346
517
688
859
1029
1200
Frequency (MHz)
Options
160
165
170
175
180
185
190
195
200
5
204
403
602
801
1001
1200
Frequency(MHz)
Options
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
5
176
346
517
688
859
1029
1200
Frequency(MHz)
Options
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
5
176
346
517
688
859
1029
1200
Frequency (MHz)
Options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com