Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT048A040T050TP Datasheet(PDF) 3 Page - Vicor Corporation

Part # VT048A040T050TP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A040T050TP Datasheet(HTML) 3 Page - Vicor Corporation

  VT048A040T050TP Datasheet HTML 1Page - Vicor Corporation VT048A040T050TP Datasheet HTML 2Page - Vicor Corporation VT048A040T050TP Datasheet HTML 3Page - Vicor Corporation VT048A040T050TP Datasheet HTML 4Page - Vicor Corporation VT048A040T050TP Datasheet HTML 5Page - Vicor Corporation VT048A040T050TP Datasheet HTML 6Page - Vicor Corporation VT048A040T050TP Datasheet HTML 7Page - Vicor Corporation VT048A040T050TP Datasheet HTML 8Page - Vicor Corporation VT048A040T050TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Voltage Transformation Module
VT048A040T050FP
vicorpower.com
Rev. 1.0
Page 3 of 11
SPECIFICATIONS (CONT.)
WAVEFORMS
Figure 1 — Input reflected ripple current at full load and 48 Vf.
Ripple vs. Output Current
80
100
120
140
160
180
200
220
0
5
10
15
20
25
30
35
40
45
50
Output Current (A)
Figure 2 — Output voltage ripple vs. output current at 48 Vf with no POL
bypass capacitance.
Parameter
Min
Typ
Max
Unit
Note
Output voltage
2.17
4.58
Vdc
No load
1.99
4.42
Vdc
Full load
Rated DC current
0
50
Adc
26 - 55 VIN
Peak repetitive current
75
A
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Short circuit protection set point
52.5
Adc
Module will shut down
Current share accuracy
5
10
%
See Parallel Operation on Page 7
Efficiency
Half load
93.8
94.8
%
See Figure 3
Full load
93.5
94.5
%
See Figure 3
Internal output inductance
1.1
nH
Internal output capacitance
255
µF
Effective value
Output overvoltage setpoint
4.6
Vdc
Module will shut down
Output ripple voltage
No external bypass
216
305
mVp-p
See Figures 2 and 5
47 µF bypass capacitor
8
mVp-p
See Figure 6
Effective switching frequency
2.40
2.55
2.70
MHz
Fixed, 1.3 MHz per phase
Line regulation
K
0.0825
1/12
0.0842
VOUT = K•VIN at no load
Load regulation
ROUT
2.8
3.6
mΩ
See Figure 13
Transient response
Voltage overshoot
110
mV
50 A load step with 100 µF CIN; See Figures 7 and 8
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specifications (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com