Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT048A080T030FP Datasheet(PDF) 4 Page - Vicor Corporation

Part # VT048A080T030FP
Description  VTM??Current Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VT048A080T030FP Datasheet(HTML) 4 Page - Vicor Corporation

  VT048A080T030FP Datasheet HTML 1Page - Vicor Corporation VT048A080T030FP Datasheet HTML 2Page - Vicor Corporation VT048A080T030FP Datasheet HTML 3Page - Vicor Corporation VT048A080T030FP Datasheet HTML 4Page - Vicor Corporation VT048A080T030FP Datasheet HTML 5Page - Vicor Corporation VT048A080T030FP Datasheet HTML 6Page - Vicor Corporation VT048A080T030FP Datasheet HTML 7Page - Vicor Corporation VT048A080T030FP Datasheet HTML 8Page - Vicor Corporation VT048A080T030FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Voltage Transformation Module
VT048A080T030FP
vicorpower.com
Rev. 1.0
Page 4 of 11
Figure 8 — 30-0 A load step with 100 µF input capacitance and no output
capacitance.
Figure 7 — 0-30 A load step with 100 µF input capacitance and no output
capacitance.
SPECIFICATIONS (CONT.)
Figure 5 — Output voltage ripple at full load and 48 Vf with no POL bypass
capacitance.
Figure 6 — Output voltage ripple at full load and 48 Vf with 30 µF ceramic
POL bypass capacitance and 20 nH distribution inductance.
WAVEFORMS
Efficiency vs. Output Current
82
84
86
88
90
92
94
96
98
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 3 — Efficiency vs. output current.
Power Dissipation
2
4
6
8
10
12
0
3
6
9
12
15
18
21
24
27
30
Output Current (A)
Figure 4 — Power dissipation vs. output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com