Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-009359 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-009359
Description  GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-009359 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-009359 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-009359 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaAs Broadband High Power SP3T Switch
DC - 4.0 GHz
M/A-COM Products
Rev. V1
MASW-009359
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves vs. Control Voltage:
Z0 = 50 Ω, 1000 pF Blocking and decoupling caps
Input P0.1dB vs. Control Voltage
Input IP3 vs. Control Voltage
Input IP2 vs. Control Voltage
2nd Harmonic vs. Control Voltage
3rd Harmonic vs. Control Voltage
55
60
65
70
75
80
85
90
95
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
50
55
60
65
70
75
80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
90
95
100
105
110
115
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
55
60
65
70
75
80
85
90
95
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)
28
30
32
34
36
38
40
42
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.0 GHz
1.9 GHz
2.5 GHz
3.5 GHz
Control Voltage (Vdc)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com