Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY63HC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MY63HC
Description  Double-Balanced Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MY63HC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MY63HC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MY63HC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MY63HC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V1
MY63H / MY63HC
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 2.5 to 7.5 GHz
• RF 2.5 to 6.5 GHz
• IF DC to 1.5 GHz
• LO Drive +20 dBm (nominal)
• High Intercept Point +22 dBm (typ)
•
Description
The MY63H is a double balanced mixer, designed for use in mili-
tary, commercial and test equipment applications.
The design
utilizes Schottky ring quad diodes and broadband soft dielectric
and ferrite baluns to attain excellent performance. This mixer can
also be used as a phase detector and/or bi-phase modulator since
the IF port is DC coupled to the diodes. The use of high tempera-
ture solder and welded assembly processes used internally
makes it ideal for use in manual, semi-automated assembly. Envi-
ronmental screening available to MIL-STD-883, MIL-STD-202, or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
MY63H
Versapac
MY63HC
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +20 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fR = 3.0 to 5.0 GHz, fL = 3.0 to 5.5 GHz, fI = 0.03 to 0.5 GHz
fR = 2.5 to 6.5 GHz, fL = 2.5 to 7.5 GHz, fI = 0.03 to 1.5 GHz
dB
5.8
6.0
6.5
7.5
6.8
7.8
SSB Noise Figure (max)
Within 1 db of conversion loss
dB
____
____
____
Isolation, L to R (min)
fL = 2.5 to 6.5 GHz
fL = 6.5 to 7.5 GHz
dB
42
32
30
26
29
25
Isolation, L to I (min)
fL = 3.0 to 5.5 GHz
fL = 5.5 to 7.5 GHz
fL = 2.5 to 3.0 GHz
dB
24
18
21
19
13
17
18
12
16
1 dB Conversion Comp.
fL = +20 dBm
dBm
+14
Input IP3
fR1 = 4.00 GHz at 0 dBm, fR2 = 3.99 GHz at 0 dBm,
fL = 5.0 GHz at = +20 dBm
dBm
+22
Product Image


Similar Part No. - MY63HC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MY63HC MACOM-MY63HC Datasheet
369Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MY63HC MA-COM-MY63HC Datasheet
126Kb / 3P
Double-Balanced Mixer
MY63HC MA-COM-MY63HC_15 Datasheet
126Kb / 3P
Double-Balanced Mixer
More results

Similar Description - MY63HC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com