Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSMB75-LR-PC-4 Datasheet(PDF) 1 Page - DDK Ltd.

Part # SSMB75-LR-PC-4
Description  75 SSMB Type Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB75-LR-PC-4 Datasheet(HTML) 1 Page - DDK Ltd.

  SSMB75-LR-PC-4 Datasheet HTML 1Page - DDK Ltd. SSMB75-LR-PC-4 Datasheet HTML 2Page - DDK Ltd. SSMB75-LR-PC-4 Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
●
 ●
SSMB75 Series
●
SSMB75 series are connectors for 75 Ω group
of SSMB series (50Ω group).
●
DDK’s originally developed 75Ω group connec
-
tors are super mini-size push-on type.
●
Strong against distortion by application of
closed entry structure.
●
Receptacles (L type for print base) are avail
-
able, i.e., 1-5 rows.
●
Not intermateable with SSMB series.
●
Widely used for test instruments, broadcasting
equipment, CATV and HDTV, etc.
Specifications depends on each connector although these are basic specifications.
The performance may differ depending on the specification.
75Ω SSMB Type Connectors
SPECIFICATION
Characteristic Impedance
75Ω
Dielectric withstanding voltage
500V AC (rms) for 1 minute
Insulation resistance
1000MΩmin. at 500V DC
Contact resistance
10mΩ max.
VSWR
1.3max. at 1GHz
MATERIAL/FINISH
Shell (Body)
Copper alloy/Gold plating
Contact (male)
Copper alloy/Gold plating
Contact (female)
Copper alloy/Gold plating
Insulators
PTFE
1


Similar Part No. - SSMB75-LR-PC-4

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
SSMB75-LR-PC-4-CF DDK-SSMB75-LR-PC-4-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
More results

Similar Description - SSMB75-LR-PC-4

ManufacturerPart #DatasheetDescription
logo
ITT Industries
AI-128 ITT-AI-128 Datasheet
94Kb / 1P
SSMB/SSMC Straight Connectors, Crimp Type for Braided Cable
AI-129 ITT-AI-129 Datasheet
114Kb / 1P
SSMB/SSMC Right Angle Connectors, Crimp Type for Braided Cable
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
SSMB-SP-0.8DV-CR DDK-SSMB-SP-0.8DV-CR Datasheet
222Kb / 2P
SSMB Type Connectors
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
Cannon 75 Ohm Connectors
logo
Pasternack Enterprises,...
PE3139 PASTERNACK-PE3139 Datasheet
136Kb / 1P
CABLE ASSEMBLY RG316/U SSMB PLUG TO SSMB PLUG
PE3122 PASTERNACK-PE3122 Datasheet
136Kb / 1P
CABLE ASSEMBLY RG196A/U SSMB PLUG TO SSMB PLUG
logo
DDK Ltd.
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
75 廓 SSMB Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com