Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BHX Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 100Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 101Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 102Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 103Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 104Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 105Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 106Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 107Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 186 page
background image
On-chip peripherals
ST7263Bxx
104/186
Doc ID 7516 Rev 8
Endpoint n register A (EPnRA)
These registers (EP0RA, EP1RA and EP2RA) are used for controlling data transmission.
They are also reset by the USB bus reset.
Note:
Endpoint 2 and the EP2RA register are not available on some devices (see device feature
list and register map).
Reset value: 0000 xxxx (0xh)
7
0
ST_
OUT
DTOG
_TX
STAT
_TX1
STAT
_TX0
TBC3
TBC2
TBC1
TBC0
Read.write
7 ST_OUT Status out.
This bit is set by software to indicate that a status out packet is expected: in this
case, all nonzero OUT data transfers on the endpoint are STALLed instead of being
ACKed. When ST_OUT is reset, OUT transactions can have any number of bytes,
as needed.
6 DTOG_TX Data Toggle, for transmission transfers.
It contains the required value of the toggle bit (0=DATA0, 1=DATA1) for the next
transmitted data packet. This bit is set by hardware at the reception of a SETUP
PID. DTOG_TX toggles only when the transmitter has received the ACK signal from
the USB host. DTOG_TX and also DTOG_RX (see EPnRB) are normally updated
by hardware, at the receipt of a relevant PID. They can be also written by software.
[5:4] STAT_TX[1:0] Status bits, for transmission transfers.
These bits contain the information about the endpoint status, which are listed in
Table 34.
These bits are written by software. Hardware sets the STAT_TX bits to NAK when a
correct transfer has occurred (CTR=1) related to a IN or SETUP transaction
addressed to this endpoint; this allows the software to prepare the next set of data
to be transmitted.
[3:0] TBC[3:0] Transmit byte count for Endpoint n.
Before transmission, after filling the transmit buffer, software must write in the TBC
field the transmit packet size expressed in bytes (in the range 0-8).
Caution: Any value outside the range 0-8 willinduce undesired effects (such as
continuous data transmission).
Table 34.
STAT_TX bit definition
STAT_TX1
STAT_TX0
Meaning
00
DISABLED: transmission transfers cannot be
executed.
01
STALL: the endpoint is stalled and all transmission
requests result in a STALL handshake.
10
NAK: the endpoint is naked and all transmission
requests result in a NAK handshake.
11
VALID: this endpoint is enabled for transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com