Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BHX Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 33Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 34Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 35Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 36Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 37Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 38Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 39Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 40Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 186 page
background image
ST7263Bxx
Interrupts
Doc ID 7516 Rev 8
37/186
7
Interrupts
The ST7 core may be interrupted by one of two different methods: maskable hardware
interrupts as listed in Table 9 and a non-maskable software interrupt (TRAP). The Interrupt
processing flowchart is shown in Figure 19.
The maskable interrupts must be enabled clearing the I bit in order to be serviced. However,
disabled interrupts may be latched and processed when they are enabled (see external
interrupts subsection).
When an interrupt has to be serviced:
●
Normal processing is suspended at the end of the current instruction execution.
●
The PC, X, A and CC registers are saved onto the stack.
●
The I bit of the CC register is set to prevent additional interrupts.
●
The PC is then loaded with the interrupt vector of the interrupt to service and the first
instruction of the interrupt service routine is fetched (refer to Table 9 for vector
addresses).
The interrupt service routine should finish with the IRET instruction which causes the
contents of the saved registers to be recovered from the stack.
Note:
As a consequence of the IRET instruction, the I bit will be cleared and the main program will
resume.
Priority management
By default, a servicing interrupt cannot be interrupted because the I bit is set by hardware
entering in interrupt routine.
In the case several interrupts are simultaneously pending, a hardware priority defines which
one will be serviced first (see Table 9).
Non-maskable software interrupts
This interrupt is entered when the TRAP instruction is executed regardless of the state of
the I bit. It will be serviced according to the flowchart on Figure 19.
Interrupts and low power mode
All interrupts allow the processor to leave the Wait low power mode. Only external and
specific mentioned interrupts allow the processor to leave the Halt low power mode (refer to
the “Exit from HALT“ column in Table 9).
External interrupts
The pins ITi/PAk and ITj/PBk (i=1,2; j= 5,6; k=4,5) can generate an interrupt when a rising
edge occurs on this pin. Conversely, the ITl/PAn and ITm/PBn pins (l=3,4; m= 7,8; n=6,7)
can generate an interrupt when a falling edge occurs on this pin.
Interrupt generation will occur if it is enabled with the ITiE bit (i=1 to 8) in the ITRFRE
register and if the I bit of the CC is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com