Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BHX Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST7263BHX
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHX Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST7263BHX_09 Datasheet HTML 119Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 120Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 121Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 122Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 123Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 124Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 125Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 126Page - STMicroelectronics ST7263BHX_09 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
123/186
I²C Data register (DR)
These bits contain the byte to be received or transmitted on the bus.
●
Transmitter mode: byte transmission start automatically when the software writes in the
DR register.
●
Receiver mode: the first data byte is received automatically in the DR register using the
least significant bit of the address. The following data bytes are then received one by
one after reading the DR register.
Reset value: 0000 0000 (00h)
I²C Own Address register (OAR)
Reset value: 0000 0000 (00h)
7
0
D7
D6
D5
D4
D3
D2
D1
D0
Read/write
7
0
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
Read/write
[7:1] ADD[7:1] Interface address.
These bits define the I²C bus address of the interface. They are not cleared when
the interface is disabled (PE=0).
0 ADD0 Address direction bit.
This bit is don’t care, the interface acknowledges either 0 or 1. It is not cleared
when the interface is disabled (PE=0).
Note: Address 01h is always ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com