| Electronic Components Datasheet Search |
|
STM32F103x6 Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103x6 Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 80 page ![]() STM32F103x4, STM32F103x6 Package characteristics Doc ID 15060 Rev 3 69/80 1. Drawing is not to scale. 2. The back-side pad is not internally connected to the VSS or VDD power pads. 3. There is an exposed die pad on the underside of the VFQFPN package. It should be soldered to the PCB. All leads should also be soldered to the PCB. It is recommended to connect it to VSS. Figure 33. VFQFPN36 6 x 6 mm, 0.5 mm pitch, package outline(1) Figure 34. Recommended footprint (dimensions in mm)(1)(2)(3) Seating plane ddd C C A3 A1 A A2 Pin # 1 ID R = 0.20 ZR_ME E2 b 19 10 18 27 28 36 19 D2 E D e L 0.30 6.30 0.50 1.00 4.30 4.30 4.80 4.80 4.10 4.10 1 28 9 19 ai14870b 36 27 18 10 0.75 Table 50. VFQFPN36 6 x 6 mm, 0.5 mm pitch, package mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A 0.800 0.900 1.000 0.0315 0.0354 0.0394 A1 0.020 0.050 0.0008 0.0020 A2 0.650 1.000 0.0256 0.0394 A3 0.250 0.0098 b 0.180 0.230 0.300 0.0071 0.0091 0.0118 D 5.875 6.000 6.125 0.2313 0.2362 0.2411 D2 1.750 3.700 4.250 0.0689 0.1457 0.1673 E 5.875 6.000 6.125 0.2313 0.2362 0.2411 E2 1.750 3.700 4.250 0.0689 0.1457 0.1673 e 0.450 0.500 0.550 0.0177 0.0197 0.0217 L 0.350 0.550 0.750 0.0138 0.0217 0.0295 ddd 0.080 0.0031 1. Values in inches are converted from mm and rounded to 4 decimal digits. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |