Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C01C Datasheet(PDF) 23 Page - Microchip Technology

Part # 24C01C
Description  1K 5.0V I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C Datasheet(HTML) 23 Page - Microchip Technology

Back Button 24C01C Datasheet HTML 19Page - Microchip Technology 24C01C Datasheet HTML 20Page - Microchip Technology 24C01C Datasheet HTML 21Page - Microchip Technology 24C01C Datasheet HTML 22Page - Microchip Technology 24C01C Datasheet HTML 23Page - Microchip Technology 24C01C Datasheet HTML 24Page - Microchip Technology 24C01C Datasheet HTML 25Page - Microchip Technology 24C01C Datasheet HTML 26Page - Microchip Technology 24C01C Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21201J-page 23
24C01C
APPENDIX A:
REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Revision E
Added DFN package.
Revision F (01/2007)
Revised Features Section; Deleted Commercial Temp;
Replaced Package Drawings; Replaced On-Line
Support page; Revised Product ID System.
Revision G (03/2007)
Replaced Package Drawings (Rev. AM).
Revision H (04/2008)
Replaced Package Drawings; Added TDFN package;
Revised Product ID section.
Revision J (08/2008)
Updated Features Section; Added Table 2-1 Pin
Function Table; Corrections to Table 1-1, DC Charac-
teristics; Updated Table 1-2, AC Characteristics;
Updated Package Drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com