Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105VC Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F105VC
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105VC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F105VC Datasheet HTML 6Page - STMicroelectronics STM32F105VC Datasheet HTML 7Page - STMicroelectronics STM32F105VC Datasheet HTML 8Page - STMicroelectronics STM32F105VC Datasheet HTML 9Page - STMicroelectronics STM32F105VC Datasheet HTML 10Page - STMicroelectronics STM32F105VC Datasheet HTML 11Page - STMicroelectronics STM32F105VC Datasheet HTML 12Page - STMicroelectronics STM32F105VC Datasheet HTML 13Page - STMicroelectronics STM32F105VC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Description
STM32F105xx, STM32F107xx
10/95
Doc ID 15274 Rev 4
These features make the STM32F105xx and STM32F107xx connectivity line
microcontroller family suitable for a wide range of applications:
G
Motor drive and application control
G
Medical and handheld equipment
G
Industrial applications: PLC, inverters, printers, and scanners
G
Alarm systems, Video intercom, and HVAC
G
Home audio equipment
Figure 1 shows the general block diagram of the device family.
2.1
Device overview
Table 2.
STM32F105xx and STM32F107xx features and peripheral counts
Peripherals(1)
STM32F105Rx
STM32F107Rx
STM32F105Vx
STM32F107Vx
Flash memory in Kbytes
64
128
256
128
256
64
128
256
128
256
SRAM in Kbytes
20
32
64
48
64
20
32
64
48
64
Ethernet
No
Yes
No
Yes
Timers
General-purpose
4
Advanced-control
1
Basic
2
Communication
interfaces
SPI(I2S)(2)
3(2)
3(2)
3(2)
3(2)
I2C2
1
2
1
USART
5
USB OTG FS
Yes
CAN
2
GPIOs
51
80
12-bit ADC
Number of channels
2
16
12-bit DAC
Number of channels
2
2
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
Package
LQFP64
LQFP100
1. Please refer to Table 5: Pin definitions for peripheral availability when the I/O pins are shared by the peripherals required
by the application.
2. The SPI2 and SPI3 interfaces give the flexibility to work in either the SPI mode or the I2S audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com