Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-261-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-261-PIN
Description  Matched GaAs SP4T Switch, 5 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-261-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-261-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-261-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-261-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Matched GaAs SP4T Switch,
5 - 2000 MHz
Rev. V3
SW-261-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = -55°C to +85°C
1
1. All specifications apply when operated with bias voltages of +5 VDC and 50 ohm impedance at all RF Ports.
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
dB
dB
dB
2.1
1.6
1.4
—
—
—
—
—
—
VSWR
—
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
Ratio
Ratio
Ratio
—
—
—
—
—
—
2.5:1
1.8:1
1.4:1
Isolation
—
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
dB
dB
dB
35
36
42
—
—
—
—
—
—
Trise, Tfall
Ton, Toff
Transients
50% CTL to 90/10% RF
In-band
—
—
—
nS
nS
mV
—
—
—
7
20
80
—
—
—
1 dB Compression
Input Power
500 - 2000 MHz
50 MHz
dBm
dBm
—
—
+27
+21
—
—
IP2
For two tone input power up to +13 dBm
500 - 2000 MHz
50 MHz
dBm
dBm
—
—
+68
+60
—
—
IP3
For two tone input power up to +13 dBm
500 - 2000 MHz
50 MHz
dBm
dBm
—
—
+27
+21
—
—
Bias Power
+5 VDC @ 0.30 mA Typ
—
mA
—
—
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com