Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-276 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-276
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-276 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-276 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-276 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-276 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-276 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW-276 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Power GaAs SPDT Switch
DC - 3.0 GHz
Rev. V3
SW-276
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = -55 to +85°C, Z0 = 50 Ω
7,8
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
0.4
0.5
0.7
0.9
0.5
0.65
0.8
1.0
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
37
31
24
19
VSWR
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
1.3:1
1.5:1
1.5:1
1.6:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
30
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
35
Transients
In Band
mV
12
Input Power for P0.1dB
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
32
35
Third Order Intercept Point
Two +10 dBm Input tones
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
61
65
Input Power for P1dB
0.9 GHz (-5 V Control)
0.9 GHz (-8 V Control)
dBm
dBm
35
39
7. All specifications apply when operated with bias voltages of 0 V for VIN Low and -5 to -10 V for VIN High, and 50 ohm impedance at all RF
ports, unless otherwise specified.
8. High power (greater than 1W) handling specifications apply to cold switching only. For input powers under 1W hot switching can be used.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
9
Condition of Switch,
RF Common to each
RF Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
Control
9. 0 = Low = 0 to -0.2 V @ 20 µA max.,
1 = High = -5 V @ 50 µA typ. to -10 V @ 800 µA max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com