Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-284-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-284-PIN
Description  GaAs Matched SP6T Switch DC - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-284-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-284-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-284-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-284-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Matched SP6T Switch
DC - 2 GHz
Rev. V4
SW-284-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall (10% to 90% RF)
Ton, Toff (50% CTL to 90% / 10% RF)
Transients (In-Band)
3.0 ns Typ
180 ns Typ
150 mV Typ
23 dBm Typ
21 dBm Typ
Intermodulation Intercept Point (for two-tone input power up to +5 dBm
Intercept Points
IP2
IP3
0.5-2.0 GHz
0.05 GHz
+60
+53
+45
+35
dBm Typ
dBm Typ
Bias Power
-5 VDC @ 2 mA Max
+5 VDC @ 1 mA Max
Control Voltages
Vin Low (0)
Vin Hi (1)
0.0 to 1.5V @ 1
μA Max
3.5 to 5.0V @ 1
μA Max
Input Power for 1 dB Compression
0.5-2.0 GHz
0.05 GHz
Truth Table
Condition of Switch
A2
A1
A0
RF Common to
0
0
1
RF1
0
1
0
RF2
Control Input
0
1
1
RF3
1
0
0
RF4
1
0
1
RF5
1
1
0
RF6
Functional Schematic (Top View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com