Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-437 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-437
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-437 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-437 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
SW-437
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.3
0.4
0.55
0.4
0.5
0.7
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
19
13
10
21
15
12
VSWR
DC - 3 GHz
Ratio
1.2:1
1.3:1
P1dB (2.7V Supply)
500 MHz - 3 GHz
dBm
24
P1dB (5V Supply
500 MHz - 3 GHz
dBm
27
Input IP2
2-Tone 900 MHz, 5 MHz spacing (2.7V)
dBm
81
Input IP3
2-Tone 900 MHz, 5 MHz spacing (2.7V)
dBm
55
Trise, Tfall
Ton, Toff
Transients
10% to 90T RF, 90% to 10% RF
50% Control to 90% RF, Control to
10% RF In-Band
ns
ns
mV
10
20
10
Gate Leakage
VCTRL = 2.5V
µA
4
15
Electrical Specifications: TA = 25°C, Z0 = 50Ω
3
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
SOT-363 Plastic Package
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
Mode
(Control)
V1
V2
RFC-
RF1
RFC-
RF2
Positive
3
0 + 0.2V
+2.5 to +8V
+2.5 to +8V
0 + 0.2V
On
Off
Off
On
Negative
4
0 + 0.2V
-2.5 to -8V
-2.5 to -8V
0 + 0.2V
Off
On
On
Off
3.
For positive voltage control, external DC blocking
capacitors are required on all RF ports (39 pF capacitors
are recommended).
4.
If negative control is used, DC blocking capacitors are not
required on RF ports. This switch is not meant to pass or
switch a DC voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com