Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-442 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-442
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-442 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-442 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW-442 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Terminated Switch
DC - 3.0 GHz
Rev. V4
SW-442
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Features
• Low Insertion Loss: 0.5 dB typical up to 1 GHz
• High Isolation: > 38 dB @ 900 MHz
• Low Power Consumption: < 10µA @ -3 V
• Positive or Negative 2.5 to 8 V Control
• Low cost SOT-26 Package
• Available in a lead free version: MASW-007935
Description
M/A-COM’s SW-442 is a GaAs monolithic switch in
a low cost SOT-26 surface mount plastic package.
The SW-442 is ideally suited for applications where
very low power consumption, low insertion loss and
very small size are required.
Typical application is in dual band systems which
require switching between small signal components
such as filter banks, single band LNA's, converters
etc. The SW-442 can be used in applications up to
0.25 Watts in systems such as CDMA, W-CDMA,
PCS,
DCS1800,
GSM and other analog/digital
wireless communications systems.
The SW-442 is fabricated using a mature 0.5 micron
GaAs PHEMT process. The process features full
passivation
for
increased
performance
and
reliability.
Functional Schematic
Positive Control Voltage
Functional Schematic
Negative Control Voltage
Pin Configuration
Pin No.
Function
Description
1
RF1
RF Input/Output
6
V1
V Control 1
2
GND
RF Ground
3
RF2
RF Input/Output
4
V2
V Control 2
5
RFC
RF Common
Ordering Information 1,2
Part Number
Package
SW-442-PIN
Bulk Packaging
SW-442TR
1000 piece reel
SW-442SMB
Sample Board
DC - 3.0 GHz tuning
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442PIN MACOM-SW-442PIN Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442RTR MACOM-SW-442RTR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442SMB MACOM-SW-442SMB Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-442TR MACOM-SW-442TR Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
More results

Similar Description - SW-442

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-442 MACOM-SW-442 Datasheet
98Kb / 3P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASW-007935 MACOM-MASW-007935 Datasheet
104Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
SW-338 MA-COM-SW-338 Datasheet
108Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com