Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K6U6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8L152K6U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K6U6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8L152K6U6 Datasheet HTML 57Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 58Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 59Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 60Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 61Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 62Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 63Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 64Page - STMicroelectronics STM8L152K6U6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
61/101
8.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
Subject to general operating conditions for VDD and TA.
Table 17.
Total current consumption in Run mode(1)
Symbol
Parameter
Conditions(2)
Typ
Max
Unit
55°C
85 °C
(3)
105 °C
(4)
125 °C
(4)
IDD(RUN)
Supply
current in
run mode(5)
All peripherals
OFF,
code executed
from RAM,
VDD from 1.65 V
to 3.6 V
HSI RC osc.
(16 MHz)
fCPU = 125 kHz 0.5
TBD
TBD
TBD
TBD
mA
fCPU = 1 MHz
0.6
TBD
TBD
TBD
TBD
fCPU = 4 MHz
0.9
TBD
TBD
TBD
TBD
fCPU = 8 MHz
1.3
TBD
TBD
TBD
TBD
fCPU = 16 MHz
2
TBD
TBD
TBD
TBD
HSE
external
clock
(16 MHz)
fCPU = 125 kHz TBD TBD TBD
TBD
TBD
fCPU = 1 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 4 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 8 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 16 MHz TBD TBD
TBD
(6)
TBD
TBD
(6)
LSI RC osc.
(typ. 38 kHz)
fCPU = LSI
TBD
LSE external
clock
(32.768 kHz)
fCPU = LSE
TBD TBD
TBD
(6)
TBD
TBD
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com