Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L152K4T6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L152K4T6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152K4T6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L152K4T6 Datasheet HTML 72Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 73Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 74Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 75Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 76Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 77Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 78Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 79Page - STMicroelectronics STM8L152K4T6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
76/101
Doc ID 15962 Rev 2
NRST pin
Subject to general operating conditions for VDD and TA unless otherwise specified.
The reset network shown in Figure 14 protects the device against parasitic resets. The user
must ensure that the level on the NRST pin can go below the VIL max. level specified in
Table 36. Otherwise the reset is not taken into account internally.
Figure 14. Recommended NRST pin configuration
Table 36.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ (1)
Max
Unit
VIL(NRST)
NRST Input low level voltage (1)
1.
Data based on characterization results, not tested in production.
VSS
0.8
V
VIH(NRST)
NRST Input high level voltage (1)
1.4
VDD
VOL(NRST)
NRST Output low level voltage
IOL = 2 mA
VDD-0.8
RPU(NRST) NRST Pull-up equivalent resistor (2)
2.
The RPU pull-up equivalent resistor is based on a resistive transistor
30
45
60
k
Ω
VF(NRST)
NRST Input filtered pulse (3)
3.
Data guaranteed by design, not tested in production.
50
ns
VNF(NRST) NRST Input not filtered pulse (3)
300
0.01
μF
EXTERNAL
RESET
CIRCUIT
STM8L
Filter
RPU
VDD
INTERNAL RESET
RSTIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com