Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-007805 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-007805
Description  Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-007805 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-007805 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-007805 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-007805 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-007805 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Broadband CATV Single Ended 2-Way Active Splitter
50 - 1100 MHz
MAAM-007805
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
In to Out1, In to Out2
dB
7.3
8.5
9.5
Gain Flatness
In to Out1, In to Out2
dB
0.75
1.2
Noise Figure
In to Out1, In to Out2
dB
4.0
4.5
Input Return Loss
Input
dB
19
Output Return Loss
Output
dB
18
Composite Triple Beat, CTB
132 channels, +15 dBmV/channel at the input.
dBc
-75
Composite Second Order, CSO
132 channels, +15 dBmV/channel at the input.
dBc
-60
Crossmodulation, XMOD
132 channels, +15 dBmV/channel at the input.
dBc
-60
Reverse Isolation
Out1 to In, Out2 to In
dB
20
Output to Output Isolation
Out1 to Out2
dB
25
P1dB
400 MHz
dBm
17
OIP3
Two tones at 1 MHz spacing, Pin at –10 dBm per tone
400 MHz
dBm
33
OIP2
Two tones at 1 MHz spacing, Pin at –10 dBm per tone
400 MHz
dBm
55
IDD
VDD = + 5 Volts
mA
100
120
Electrical Specifications: F = 50 - 1000 MHz, TA = 25°C, VDD = +5 Volts, Z0 = 75 Ω
Parameter
Absolute Maximum
Max Input Power
+8 dBm
Vbias
+10.0 V
Operating Temperature
-40°C to +85°C
Junction Temperature 7
+150°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
6. These operating conditions will ensure MTTF > 1 x 106 hours.
7. Junction Temperature (TJ) = TA + Өjc * (V * I)
Typical thermal resistance (Өjc) = 85 °C/W.
a) For TC = 25°C,
TJ = 68 °C @ 5.0 V, 100 mA
b) For TC = 85°C,
TJ = 123 °C @ 5.0 V, 90 mA
Absolute Maximum Ratings 4,5,6,7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com