Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F103C4U7ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F103C4U7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4U7ATR Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F103C4U7ATR Datasheet HTML 1Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 2Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 3Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 4Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 5Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 6Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 7Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 8Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
September 2009
Doc ID 15060 Rev 3
1/80
1
STM32F103x4
STM32F103x6
Low-density performance line, ARM-based 32-bit MCU with 16 or
32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
Features
Core: ARM 32-bit Cortex™-M3 CPU
– 72 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
Memories
– 16 or 32 Kbytes of Flash memory
– 6 or 10 Kbytes of SRAM
Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
2 x 12-bit, 1 µs A/D converters (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Dual-sample and hold capability
– Temperature sensor
DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs and USARTs
Up to 51 fast I/O ports
– 26/37/51 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
Debug mode
– Serial wire debug (SWD) & JTAG interfaces
6 timers
– Two 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 16-bit, motor control PWM timer with dead-
time generation and emergency stop
– 2 watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
6 communication interfaces
– 1 x I2C interface (SMBus/PMBus)
– 2 × USARTs (ISO 7816 interface, LIN, IrDA
capability, modem control)
– 1 × SPI (18 Mbit/s)
– CAN interface (2.0B Active)
– USB 2.0 full-speed interface
CRC calculation unit, 96-bit unique ID
Packages are ECOPACK®
Table 1.
Device summary
Reference
Part number
STM32F103x4
STM32F103C4, STM32F103R4,
STM32F103T4
STM32F103x6
STM32F103C6, STM32F103R6,
STM32F103T6
LQFP64 (10 × 10 mm)
LQFP48 (7 × 7 mm)
TFBGA64 (5 × 5 mm
VFQFPN36 (6 × 6 mm)
www.st.com


Similar Part No. - STM32F103C4U7ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
14-May-2013
STM32F103C4 STMICROELECTRONICS-STM32F103C4 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
More results

Similar Description - STM32F103C4U7ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103X8 STMICROELECTRONICS-STM32F103X8_09 Datasheet
1Mb / 92P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
22-Sep-2009
STM32F103X4 STMICROELECTRONICS-STM32F103X4_10 Datasheet
1Mb / 85P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
20-May-2010
STM32F103X8 STMICROELECTRONICS-STM32F103X8_10 Datasheet
1Mb / 96P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
03-Jun-2010
STM32F103C8T7 STMICROELECTRONICS-STM32F103C8T7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103TBU6 STMICROELECTRONICS-STM32F103TBU6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103T8U7 STMICROELECTRONICS-STM32F103T8U7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
14-May-2013
STM32F103RBT7 STMICROELECTRONICS-STM32F103RBT7 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
STM32F103C4T6A STMICROELECTRONICS-STM32F103C4T6A Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 com. interfaces
14-May-2013
STM32F103CBU6 STMICROELECTRONICS-STM32F103CBU6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
STM32F103RBT6 STMICROELECTRONICS-STM32F103RBT6 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com