Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F2P6A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM8L101F2P6A
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F2P6A Datasheet(HTML) 5 Page - STMicroelectronics

  STM8L101F2P6A Datasheet HTML 1Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 2Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 3Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 4Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 5Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 6Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 7Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 8Page - STMicroelectronics STM8L101F2P6A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
STM8L101xx
List of figures
Doc ID 15275 Rev 7
5/77
List of figures
Figure 1.
STM8L101 device block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2.
Standard 20-pin UFQFPN package pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 3.
20-pin UFQFPN package pinout for STM8L101F3U6ATR and
STM8L101F2U6ATR part numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 4.
20-pin TSSOP package pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 5.
Standard 28-pin WFQFPN package pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 6.
28-pin WFQFPN package pinout for STM8L101G3U6ATR and
STM8L101G2U6ATR part numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 7.
32-pin package pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 8.
Memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 9.
Pin loading conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 10.
Pin input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 11.
IDD(RUN) vs. VDD@ fCPU = 2 MHz
@4 temperatures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 12.
IDD(RUN) vs. VDD@ fCPU = 16 MHz @4 temperatures. . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 13.
IDD(WAIT) vs. VDD@ fCPU = 2 MHz
@4 temperatures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 14.
IDD(WAIT) vs. VDD@ fCPU = 16 MHz @4 temperatures . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 15.
Typ. IDD(Halt) vs. VDD @ fCPU = 2 MHz and 16 MHz @4 temperatures. . . . . . . . . . . . . 43
Figure 16.
Typical HSI frequency vs VDD @ 4 temperatures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 17.
Typical HSI accuracy at VDD = 3 V vs temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 18.
Typical HSI accuracy at VDD = 1.65 V to 3.6 V vs temperature. . . . . . . . . . . . . . . . . . . . . 46
Figure 19.
Typical LSI RC frequency vs. VDD @ 4 temperatures . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 20.
Typical VIL and VIH vs VDD (standard I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 21.
Typical VIL and VIH vs VDD (true open drain I/Os) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Figure 22.
Typical pull-up resistance RPU vs VDD @ 4 temperatures with VIN=VSS . . . . . . . . . . . . . 50
Figure 23.
Typical pull-up current Ipu vs VDD @ 4 temperatures with VIN=VSS . . . . . . . . . . . . . . . . . 51
Figure 24.
Typ. VOL @ VDD = 3.0 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 25.
Typ. VOL @ VDD = 1.8 V (standard ports). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 26.
Typ. VOL @ VDD = 3.0 V (true open drain ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 27.
Typ. VOL @ VDD = 1.8 V (true open drain ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 28.
Typ. VDD - VOH @ VDD = 3.0 V (standard ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 29.
Typ. VDD - VOH @ VDD = 1.8 V (standard ports) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Figure 30.
Typical NRST pull-up resistance RPU vs VDD @ 4 temperatures. . . . . . . . . . . . . . . . . . . . 54
Figure 31.
Typical NRST pull-up current Ipu vs VDD @ 4 temperatures . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 32.
Recommended NRST pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 33.
SPI timing diagram - slave mode and CPHA = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 34.
SPI timing diagram - slave mode and CPHA = 1(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 35.
SPI timing diagram - master mode(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 36.
Typical application with I2C bus and timing diagram 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 37.
WFQFPN32 - 32-lead very very thin fine pitch quad flat no-lead package outline (5 x 5) . 65
Figure 38.
WFQFPN32 recommended footprint(1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 39.
LQFP32 - 32-pin low profile quad flat package outline (7 x 7) . . . . . . . . . . . . . . . . . . . . . . 67
Figure 40.
LQFP32 recommended footprint(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 41.
WFQFPN28 - 28-lead very very thin fine pitch quad flat no-lead package outline (4 x 4) . 68
Figure 42.
WFQFPN28 recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 43.
UFQFPN20 3 x 3 mm 0.6 mm package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 44.
UFQFPN20 recommended footprint (1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com