Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC320X-I/ST14 Datasheet(PDF) 19 Page - Microchip Technology

Part # 25LC320X-I/ST14
Description  32K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320X-I/ST14 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 25LC320X-I/ST14 Datasheet HTML 15Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 16Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 17Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 18Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 19Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 20Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 21Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 22Page - Microchip Technology 25LC320X-I/ST14 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2008 Microchip Technology Inc.
DS21227F-page 19
25AA320/25LC320/25C320
APPENDIX A:
REVISION HISTORY
Revision D
Corrections to Section 1.0, Electrical Characteristics.
Revision E
Revise Endurance from 100K to 1M.
Revision F (June 2008)
Added “Not Recommended” note; Updated Packaging;
General updates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com