Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSK5D3A151R Datasheet(PDF) 1 Page - OptoSupply International

Part # OSK5D3A151R
Description  Tpower 10mm Pink LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSK5D3A151R Datasheet(HTML) 1 Page - OptoSupply International

  OSK5D3A151R Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
Tpower 10mm Pink L
LE
ED
D
OSK5D3A151R
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
10mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Illuminations
●
Medical instruments light
●
Other Lighting
0.5
1.15
1
2
10.0
10.8
Unit:mm
Tolerance:+0.3mm
1:Anode
2:Cathode
1
2
2.5
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
25
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
270
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
8.7
9.3
10.8
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
3800
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.17
-
50% Power Angle
2θ1/2
IF=20mA
-
50
-
deg
*1 Tolerance of chromaticity coordinates +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSK5D3A151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5D3A131U OPTOSUPPLY-OSK5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pink LED
More results

Similar Description - OSK5D3A151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLA151R OPTOSUPPLY-OSB5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Blue LED
OSK5D38A61R OPTOSUPPLY-OSK5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pink LED
OSK5D356E1R OPTOSUPPLY-OSK5D356E1R Datasheet
96Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5D35141R OPTOSUPPLY-OSK5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pink LED
OSK5XL8A61R OPTOSUPPLY-OSK5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5XL5141R OPTOSUPPLY-OSK5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pink LED
OSK5XLA151R OPTOSUPPLY-OSK5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Pink LED
OSY5XAA151R OPTOSUPPLY-OSY5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Yellow LED
OSK5735141R OPTOSUPPLY-OSK5735141R Datasheet
136Kb / 1P
Tpower 5mm Round Pink LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com