Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5D3Z2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5D3Z2C1P
Description  Super Flux Warm White LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5D3Z2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OSM5D3Z2C1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S
Su
up
pe
er
r F
Fllu
ux
x W
Wa
ar
rm
m W
Wh
hiitte
e L
LE
ED
D
OSM5D3Z2C1P
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
■
Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Automotive Dashboard Lighting
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
7.62
5.0
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
1,4
2,3
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
25
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
270
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25
)
℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
8.7
9.3
10.8
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
11000
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.41
-
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg


Similar Part No. - OSM5D3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5D35141R OPTOSUPPLY-OSM5D35141R Datasheet
96Kb / 1P
Tpower 5mm Warm White LED
OSM5D356E1R OPTOSUPPLY-OSM5D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Warm White LED
OSM5D38A61R OPTOSUPPLY-OSM5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Warm White LED
OSM5D3A131U OPTOSUPPLY-OSM5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Warm White LED
OSM5D3A151R OPTOSUPPLY-OSM5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Warm White LED
More results

Similar Description - OSM5D3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DLZ2C1P OPTOSUPPLY-OSM5DLZ2C1P Datasheet
100Kb / 1P
Super Flux Warm White LED
OSM57LZ2C1D OPTOSUPPLY-OSM57LZ2C1D Datasheet
155Kb / 1P
Super Flux Warm White LED
OSM57LZ3K1D OPTOSUPPLY-OSM57LZ3K1D Datasheet
154Kb / 1P
Super Flux Warm White LED
OSM57LZ4E1D OPTOSUPPLY-OSM57LZ4E1D Datasheet
153Kb / 1P
Super Flux Warm White LED
OSM57LZ161D OPTOSUPPLY-OSM57LZ161D Datasheet
155Kb / 1P
Super Flux Warm White LED
OSM57LZB11D OPTOSUPPLY-OSM57LZB11D Datasheet
155Kb / 1P
Super Flux Warm White LED
OSM57LZG71D OPTOSUPPLY-OSM57LZG71D Datasheet
154Kb / 1P
Super Flux Warm White LED
OSM57LZHA1D OPTOSUPPLY-OSM57LZHA1D Datasheet
155Kb / 1P
Super Flux Warm White LED
OSM54DZ5D1P OPTOSUPPLY-OSM54DZ5D1P Datasheet
115Kb / 1P
Super Flux Warm White LED
OSM54LZ5D1P OPTOSUPPLY-OSM54LZ5D1P Datasheet
112Kb / 1P
Super Flux Warm White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com