Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5DA7BA1B Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5DA7BA1B
Description  2x3x4mm Rectangular Warm White LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5DA7BA1B Datasheet(HTML) 1 Page - OptoSupply International

  OSM5DA7BA1B Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
2
2x
x3
3x
x4
4m
mm
m R
Re
ec
ctta
an
ng
gu
ulla
ar
r Warm White
L
LE
ED
D
OSM5DA7BA1B
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
2x3x4mm Rectangular Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
2.54
12
0.5±0.05
1.Anode
2.Cathode
Unit:mm
Tolerance:±0.30mm
3.2
3.2
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
650
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.41
-
50% Power Angle
2θ1/2
IF=20mA
-
100
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSM5DA7BA1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DA71A1B OPTOSUPPLY-OSM5DA71A1B Datasheet
99Kb / 1P
2x5x7mm Rectangular Warm White LED
OSM5DA7331A OPTOSUPPLY-OSM5DA7331A Datasheet
96Kb / 1P
1.8mm Tower Warm White LED
More results

Similar Description - OSM5DA7BA1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DA7BA1B OPTOSUPPLY-OSK5DA7BA1B Datasheet
99Kb / 1P
2x3x4mm Rectangular Pink LED
OSM5DA71A1B OPTOSUPPLY-OSM5DA71A1B Datasheet
99Kb / 1P
2x5x7mm Rectangular Warm White LED
OSM5DL7BA1B OPTOSUPPLY-OSM5DL7BA1B Datasheet
99Kb / 1P
2x3x4mm Rectangular Warm White LED
OSM5DL71A1B OPTOSUPPLY-OSM5DL71A1B Datasheet
99Kb / 1P
2x5x7mm Rectangular Warm White LED
OSW5DA7BA1B OPTOSUPPLY-OSW5DA7BA1B Datasheet
99Kb / 1P
2x3x4mm Rectangular Pure White LED
OSW5DL7BA1B OPTOSUPPLY-OSW5DL7BA1B Datasheet
99Kb / 1P
2x3x4mm Rectangular Pure White LED
OSM5DK7BA1B OPTOSUPPLY-OSM5DK7BA1B Datasheet
136Kb / 1P
2x3x4mm Rectangular Warm White LED
OSO5JA7BA1B OPTOSUPPLY-OSO5JA7BA1B Datasheet
136Kb / 1P
2x3x4mm Rectangular Orange LED
OSW5DK7BA1B OPTOSUPPLY-OSW5DK7BA1B Datasheet
137Kb / 1P
2x3x4mm Rectangular Pure White LED
OSM5D479X1B OPTOSUPPLY-OSM5D479X1B Datasheet
118Kb / 1P
2.5x5x8.7mm Rectangular Warm White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com