Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSM5DA4571D Datasheet(PDF) 1 Page - OptoSupply International

Part # OSM5DA4571D
Description  4.7x5.7mm Oval Warm White LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSM5DA4571D Datasheet(HTML) 1 Page - OptoSupply International

  OSM5DA4571D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
4
4..7
7x
x5
5..7
7m
mm
m O
Ov
va
all Warm W
Wh
hiitte
e L
LE
ED
D
OSM5DA4571D
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
4.7x5.7mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Electronic Signs And Signals
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
0.5+0.1
Unit:mm
Tolerance:+0.3mm
2.54
1.0
4.7
4.7
5.7
1
2
1.Anode
2.Cathode
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max 10ms , Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=20mA
-
3800
-
mcd
x
IF=20mA
-
0.45
-
Chromaticity
Coordinates*
y
IF=20mA
-
0.41
-
50% Power Angle
2θ1/2
IF=20mA
-
40/70
-
deg
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSM5DA4571D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DA4131A OPTOSUPPLY-OSM5DA4131A Datasheet
97Kb / 1P
4mm Round Warm White LED
OSM5DA43A1D OPTOSUPPLY-OSM5DA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Warm White LED
More results

Similar Description - OSM5DA4571D

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DA5J71D OPTOSUPPLY-OSM5DA5J71D Datasheet
101Kb / 1P
5.2x3.8mm Oval Warm White LED
OSM5DA43A1D OPTOSUPPLY-OSM5DA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Warm White LED
OSM5DA5471D OPTOSUPPLY-OSM5DA5471D Datasheet
97Kb / 1P
5.0x4.1mm Oval Warm White LED
OSM5DL5J71D OPTOSUPPLY-OSM5DL5J71D Datasheet
101Kb / 1P
5.2x3.8mm Oval Warm White LED
OSM5DL43A1D OPTOSUPPLY-OSM5DL43A1D Datasheet
98Kb / 1P
3.9x3.1mm Oval Warm White LED
OSM5DL4571D OPTOSUPPLY-OSM5DL4571D Datasheet
100Kb / 1P
4.7x5.7mm Oval Warm White LED
OSM5DL5471D OPTOSUPPLY-OSM5DL5471D Datasheet
98Kb / 1P
5.0x4.1mm Oval Warm White LED
OSW5DA4571D OPTOSUPPLY-OSW5DA4571D Datasheet
99Kb / 1P
4.7x5.7mm Oval Pure White LED
OSW5DL4571D OPTOSUPPLY-OSW5DL4571D Datasheet
100Kb / 1P
4.7x5.7mm Oval Pure White LED
OSM5DK5471D OPTOSUPPLY-OSM5DK5471D Datasheet
104Kb / 1P
5.0x4.1mm Oval Warm White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com