Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA02A Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA02A
Description  Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA02A Datasheet(HTML) 1 Page - Cirrus Logic

  PA02A Datasheet HTML 1Page - Cirrus Logic PA02A Datasheet HTML 2Page - Cirrus Logic PA02A Datasheet HTML 3Page - Cirrus Logic PA02A Datasheet HTML 4Page - Cirrus Logic PA02A Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA02 • PA02A
PA02U
1
PA02, PA02A
FEATURES
•HigHpowerbandwidtH—350kHz
•HigHslewrate—20V/µs
•Fastsettlingtime—600ns
•lowcrossoVerdistortion—classa/b
•lowinternallosses—1.2Vat2a
•HigHoutputcurrent—±5apeak
•lowinputbiascurrent—Fetinput
•isolatedcase—300Vdc
applications
•motor,ValVeandactuatorcontrol
•magneticdeFlectioncircuitsupto5a
•powertransducersupto350kHz
•audioampliFiersupto30wrms
description
The PA02 and PA02A are wideband, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. Their complementary “collector output”
stage can swing close to the supply rails and is protected
against inductive kickback. For optimum linearity, the output
stage is biased for class A/B operation. The safe operating
area (SOA) can be observed for all operating conditions by
selection of user programmable, current limiting resistors
(down to 10mA). Both amplifiers are internally compensated
but are not recommended for use as unity gain followers. For
continuous operation under load, mounting on a heatsink of
proper rating is recommended.
These hybrid integrated circuits utilize thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. Iso-
lation washers are not recommended. The use of compress-
ible thermal washers and/or improper mounting torque will
void the product warranty. Please see “General Operating
Considerations”.
eQuiValentscHematic
tYpicalapplication
Vehicular Sound System Power Stage
LOW INTERNAL LOSS MAXIMIZES EFFICIENCY
When system voltages are low and power is at a premium,
the PA02 is a natural choice.The circuit above utilizes not only
the feature of low internal loss of the PA02, but also its very
low distortion level to implement a crystal clear audio amplifier
suitable even for airborne applications. This circuit uses AC
coupling of both the input signal and the gain circuit to render
DC voltage across the speaker insignificant. The resistor and
capacitor across the inputs form a stability enhancement net-
work. The 0.27 ohm current limit resistors provide protection
in the event of an output short circuit.
eXternalconnections
16K
100K
RCL+
RCL–
.27Ω
.27Ω
3.2Ω
16W
–12
+12
.47µF
.47µF
16K
.001µF
PA02
IN
1K
RCL+
RCL–
TOP VIEW
1
2
3
4
5
6
7
8
CL–
–VS
+IN
–IN
OUT
OUT
+VS
CL+
2
6
5
7
1
3
4
8
R2
R3
R1
R5
R4
R8
R9
R10
R11
R12
R13
R14
R15
R6
R7
Q1
Q8
Q5
Q4
Q3
Q6
Q2
Q7
A1
D1
D2
8-pinto-3
packagestYlece
Power Operational Amplifiers
PA02 • PA02A
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
MAY 2009
APEX − PA02UREVO


Similar Part No. - PA02A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02A APEX-PA02A Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA02A CIRRUS-PA02A Datasheet
373Kb / 5P
POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - PA02A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com