Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5411 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5411
Description  NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5411 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5411 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5411 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5411 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5411 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5411 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5411
2001-08-20
1
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5411
HORIZONTAL DEFLECTION OUTPUT FOR HIGH
RESOLUTION
DISPLAY, COLOR TV
HIGH SPEED SWITCHING APPLICATIONS
l High Voltage
: VCBO = 1500 V
l Low Saturation Voltage
: VCE (sat) = 3 V (Max.)
l High Speed
: tf = 0.15 µs (Typ.)
l Collector Metal (Fin) is Fully Covered with Mold Resin.
MAXIMUM RATINGS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector−Base Voltage
VCBO
1500
V
Collector−Emitter Voltage
VCEO
600
V
Emitter−Base Voltage
VEBO
5
V
DC
IC
14
Collector Current
Pulse
ICP
28
A
Base Current
IB
7
A
Collector Power Dissipation
PC
60
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55~150
°C
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Collector Cut−off Current
ICBO
VCB = 1500 V, IE = 0
―
―
1
mA
Emitter Cut−off Current
IEBO
VEB = 5 V, IC = 0
―
―
10
µA
Emitter−Base Breakdown Voltage
V (BR) CEO
IC = 10 mA, IB = 0
600
―
―
V
hFE (1)
VCE = 5 V, IC = 2 A
10
―
40
DC Current Gain
hFE (2)
VCE = 5 V, IC = 11 A
4
―
8
Collector−Emitter Saturation Voltage
VCE (sat)
IC = 11 A, IB = 2.75 A
―
―
3
V
Base−Emitter Saturation Voltage
VBE (sat)
IC = 11 A, IB = 2.75 A
―
1.0
1.5
V
Transition Frequency
fT
VCE = 10 V, IC = 0.1 A
―
2
―
MHz
Collector Output Capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
190
―
pF
Storage Time
tstg
―
2.5
3.5
Switching Time
Fall Time
tf
ICP = 8.5 A, IB1 (end) = 1.6 A
fH = 64 kHz
―
0.15
0.3
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-16E3A
Weight: 5.5 g (typ.)


Similar Part No. - 2SC5411

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5411 ISC-2SC5411 Datasheet
259Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC5411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5149 TOSHIBA-2SC5149 Datasheet
193Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5280 TOSHIBA-2SC5280 Datasheet
235Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
02-Sep-1999
2SC5339 TOSHIBA-2SC5339 Datasheet
230Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
20-Jul-1999
2SC5386 TOSHIBA-2SC5386 Datasheet
227Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5387 TOSHIBA-2SC5387 Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5404 TOSHIBA-2SC5404 Datasheet
227Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5421 TOSHIBA-2SC5421 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2498 TOSHIBA-2SD2498 Datasheet
200Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com