Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSR5M3Z2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSR5M3Z2C1P
Description  Super Flux Phoenix Red LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSR5M3Z2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OSR5M3Z2C1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S
Su
up
pe
er
r F
Fllu
ux
x P
Ph
ho
oe
en
niix
x R
Re
ed
d L
LE
ED
D
OSR5M3Z2C1P
*1 Tolerance of dominant wavelength + 1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
■
Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Traffic Signal
●
Backlighting
●
Signal and channel letter
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
7.62
5.0
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
1,4
2,3
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
120
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
216
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25
)
℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
5.4
6.3
7.2
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
619
624
629
nm
Luminous Intensity*
Iv
IF=20mA
-
4000
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg


Similar Part No. - OSR5M3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5M3Z4E1P OPTOSUPPLY-OSR5M3Z4E1P Datasheet
110Kb / 1P
3 iin 1 Seriies Super Fllux Red LED
More results

Similar Description - OSR5M3Z2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MAZ2C1D OPTOSUPPLY-OSO5MAZ2C1D Datasheet
103Kb / 1P
Super Flux Phoenix Orange LED
OSO5MAZ2C1P OPTOSUPPLY-OSO5MAZ2C1P Datasheet
101Kb / 1P
Super Flux Phoenix Orange LED
OSO5MAZ161D OPTOSUPPLY-OSO5MAZ161D Datasheet
104Kb / 1P
Super Flux Phoenix Orange LED
OSR5MAZ2C1D OPTOSUPPLY-OSR5MAZ2C1D Datasheet
103Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ2C1P OPTOSUPPLY-OSR5MAZ2C1P Datasheet
101Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ3K1D OPTOSUPPLY-OSR5MAZ3K1D Datasheet
100Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ4E1D OPTOSUPPLY-OSR5MAZ4E1D Datasheet
98Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ161D OPTOSUPPLY-OSR5MAZ161D Datasheet
104Kb / 1P
Super Flux Phoenix Red LED
OSY5MAZ4E1D OPTOSUPPLY-OSY5MAZ4E1D Datasheet
98Kb / 1P
Super Flux Phoenix Yellow LED
OSY5MAZ161D OPTOSUPPLY-OSY5MAZ161D Datasheet
104Kb / 1P
Super Flux Phoenix Yellow LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com