Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-103E/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4651-103E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-103E/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4651-103E/ML Datasheet HTML 13Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 14Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 15Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 16Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 17Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 18Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 19Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 20Page - Microchip Technology MCP4651-103E/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 17
MCP453X/455X/463X/465X
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-DFN (3x3)
θ
JA
—60
—
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—211
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
145.5
—
°C/W
Thermal Resistance, 10L-DFN (3x3)
θ
JA
—57
—
°C/W
Thermal Resistance, 10L-MSOP
θ
JA
—202
—
°C/W
Thermal Resistance, 14L-MSOP
θ
JA
—N/A
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—
95.3
—
°C/W
Thermal Resistance, 16L-QFN
θ
JA
—47
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com