Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-103E/MS Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP4651-103E/MS
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-103E/MS Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP4651-103E/MS Datasheet HTML 55Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 56Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 57Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 58Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 59Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 60Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 61Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 62Page - Microchip Technology MCP4651-103E/MS Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 59
MCP453X/455X/463X/465X
FIGURE 7-4:
I2C Read (Last Memory Address Accessed).
FIGURE 7-5:
I2C Random Read.
STOP bit
Control Byte
1
010
SA2 A1 A0 1
A
Fixed
Address
Variable
Address
Read bits
P
0
000
0
0
0 D8 A1
Read bit
D3
D7 D6 D5 D4
D2 D1 D0 A2
Read Data bits
Note 1: Master Device is responsible for A / A signal. If a A signal occurs, the MCP45XX/46XX will
abort this transfer and release the bus.
2: The Master Device will Not Acknowledge, and the MCP45XX/46XX will release the bus so the
Master Device can generate a Stop or Repeated Start condition.
3: The MCP45xx/46xx retains the last “Device Memory Address” that it has received. This is the
MCP45XX/46XX does not “corrupt” the “Device Memory Address” after Repeated Start or
Stop conditions.
4: The Device Memory Address pointer defaults to 00h on POR and BOR conditions.
STOP bit
Control Byte
READ Command
1
01
0
SA2 A1 A0 0
1
AD AD AD AD
A1
x X
A Sr
0
1
2
3
Fixed
Address
Variable
Address
Device
Memory
Address
Command
Control Byte
Read bits
P
0
00
0
0
0
0 D8 A1
Write bit
D3
D7 D6 D5 D4
D2 D1 D0 A2
1
01
0
A2 A1 A0 1
A
Read bit
Repeated Start bit
Read Data bits
Note 1: Master Device is responsible for A / A signal. If a A signal occurs, the MCP45XX/46XX will
abort this transfer and release the bus.
2: The Master Device will Not Acknowledge, and the MCP45XX/46XX will release the bus so the
Master Device can generate a Stop or Repeated Start condition.
3: The MCP45XX/46XX retains the last “Device Memory Address” that it has received. This is
the MCP45XX/46XX does not “corrupt” the “Device Memory Address” after Repeated Start or
Stop conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com