Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B-I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC08B-I/P
Description  8K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B-I/P Datasheet(HTML) 3 Page - Microchip Technology

  24LC08B-I/P Datasheet HTML 1Page - Microchip Technology 24LC08B-I/P Datasheet HTML 2Page - Microchip Technology 24LC08B-I/P Datasheet HTML 3Page - Microchip Technology 24LC08B-I/P Datasheet HTML 4Page - Microchip Technology 24LC08B-I/P Datasheet HTML 5Page - Microchip Technology 24LC08B-I/P Datasheet HTML 6Page - Microchip Technology 24LC08B-I/P Datasheet HTML 7Page - Microchip Technology 24LC08B-I/P Datasheet HTML 8Page - Microchip Technology 24LC08B-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2009 Microchip Technology Inc.
DS21710J-page 3
24AA08/24LC08B
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
VCC = +1.7V to +5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E):
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
—
—
400
100
kHz
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
2
THIGH
Clock high time
600
4000
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
3TLOW
Clock low time
1300
4700
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
4TR
SDA and SCL rise time
(Note 1)
—
—
—
—
300
1000
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
5TF
SDA and SCL fall time
—
—
300
ns
(Note 1)
6THD:STA
Start condition hold time
600
4000
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
7TSU:STA
Start condition setup
time
600
4700
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
8THD:DAT
Data input hold time
0
—
—
ns
(Note 2)
9TSU:DAT
Data input setup time
100
250
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
10
TSU:STO
Stop condition setup
time
600
4000
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
11
TAA
Output valid from clock
(Note 2)
—
—
—
—
900
3500
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
12
TBUF
Bus free time: Time the
bus must be free before
a new transmission can
start
1300
4700
—
—
—
—
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
13
TOF
Output fall time from VIH
minimum to VIL
maximum
——
—
250
250
ns
2.5V
≤ VCC ≤ 5.5V
1.7V
≤ VCC < 2.5V (24AA08)
14
TSP
Input filter spike
suppression
(SDA and SCL pins)
—
—
50
ns
(Notes 1 and 3)
15
TWC
Write cycle time (byte or
page)
——
5
ms
—
16
—
Endurance
1M
—
—
cycles
25°C, (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com