Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-502E/ST Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4651-502E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-502E/ST Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4651-502E/ST Datasheet HTML 29Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 30Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 31Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 32Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 33Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 34Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 35Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 36Page - Microchip Technology MCP4651-502E/ST Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 33
MCP453X/455X/463X/465X
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-61:
VIH (SDA, SCL) vs. VDD and
Temperature.
FIGURE 2-62:
VIL (SDA, SCL) vs. VDD and
Temperature.
FIGURE 2-63:
VOL (SDA) vs. VDD and
Temperature (IOL = 3 mA).
1
1.5
2
2.5
3
3.5
4
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
1
1.5
2
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
50
70
90
110
130
150
170
190
210
230
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com