Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA32AT-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24AA32AT-I/MS
Description  32K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA32AT-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24AA32AT-I/MS Datasheet HTML 10Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 11Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 12Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 13Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 14Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 15Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 16Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 17Page - Microchip Technology 24AA32AT-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
24AA32A/24LC32A
DS21713J-page 14
© 2009 Microchip Technology Inc.
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example:
24LC32A
I/P
13F
0527
24LC32AI
SN
0527
13F
4LA
I527
13F
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L32AI
52713F
8-Lead SOIC (5.28 mm)
Example:
XXXXXXXX
T/XXXXXX
YYWWNNN
24LC32A
I/SM
052713F
XXXX
TYWW
NNN
3
e
3
e
8-Lead 2x3 DFN
Example:
264
527
13
XXX
YWW
NN
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com