Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24FC512-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24FC512-I/P
Description  512K I2C??CMOS Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC512-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24FC512-I/P Datasheet HTML 9Page - Microchip Technology 24FC512-I/P Datasheet HTML 10Page - Microchip Technology 24FC512-I/P Datasheet HTML 11Page - Microchip Technology 24FC512-I/P Datasheet HTML 12Page - Microchip Technology 24FC512-I/P Datasheet HTML 13Page - Microchip Technology 24FC512-I/P Datasheet HTML 14Page - Microchip Technology 24FC512-I/P Datasheet HTML 15Page - Microchip Technology 24FC512-I/P Datasheet HTML 16Page - Microchip Technology 24FC512-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21754J-page 13
24AA512/24LC512/24FC512
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
control byte is set to ‘1’. There are three basic types of
read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX512 contains an address counter that main-
tains the address of the last word accessed, internally
incremented by ‘1’. Therefore, if the previous read
access was to address ‘n’ (n is any legal address), the
next current address read operation would access data
from address n + 1.
Upon receipt of the control byte with R/W bit set to ‘1’,
the 24XX512 issues an acknowledge and transmits the
8-bit data word. The master will not acknowledge the
transfer but does generate a Stop condition and the
24XX512 discontinues transmission (Figure 8-1).
FIGURE 8-1:
CURRENT ADDRESS
READ
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24XX512 as part of a write operation (R/W bit set to
‘0’). After the word address is sent, the master
generates a Start condition following the acknowledge.
This terminates the write operation, but not before the
internal Address Pointer is set. Then, the master issues
the control byte again but with the R/W bit set to a one.
The 24XX512 will then issue an acknowledge and
transmit the 8-bit data word. The master will not
acknowledge the transfer but does generate a Stop
condition which causes the 24XX512 to discontinue
transmission (Figure 8-2). After a random Read
command, the internal address counter will point to the
address location following the one that was just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24XX512 transmits
the first data byte, the master issues an acknowledge
as opposed to the Stop condition used in a random
read. This acknowledge directs the 24XX512 to
transmit the next sequentially addressed 8-bit word
(Figure 8-3). Following the final byte transmitted to the
master, the master will NOT generate an acknowledge,
but will generate a Stop condition. To provide
sequential reads, the 24XX512 contains an internal
Address Pointer which is incremented by one at the
completion of each operation. This Address Pointer
allows the entire memory contents to be serially read
during one operation. The internal Address Pointer will
automatically roll over from address FFFF to address
0000 if the master acknowledges the byte received
from the array address FFFF.
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K
11
00
AA A
1
Byte
21 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com