Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC04BT-I/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC04BT-I/P
Description  4K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC04BT-I/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC04BT-I/P Datasheet HTML 3Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 4Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 5Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 6Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 7Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 8Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 9Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 10Page - Microchip Technology 24LC04BT-I/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21708K-page 7
24AA04/24LC04B
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device. The control byte
consists of a four-bit control code. For the 24XX04, this
is set as ‘1010’ binary for read and write operations.
The next two bits of the control byte are “don’t cares” for
the 24XX04. The last bit, B0, is used by the master
device to select which of the two 256-word blocks of
memory are to be accessed. This bit is, in effect, the
Most Significant bit of the word address.
The last bit of the control byte defines the operation to
be performed. When set to ‘1’, a read operation is
selected. When set to ‘0’, a write operation is selected.
Following the Start condition, the 24XX04 monitors the
SDA bus checking the device type identifier being
transmitted and, upon receiving a ‘1010’ code, the
slave device outputs an Acknowledge signal on the
SDA line. Depending on the state of the R/W bit, the
24XX04 will select a read or write operation.
FIGURE 5-1:
CONTROL BYTE
ALLOCATION
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
Operation
Control
Code
Block Select
R/W
Read
1010
Block Address
1
Write
1010
Block Address
0
10
1
0
xx
B0 R/W ACK
Start Bit
Read/Write Bit
x = “don’t care”
S
Slave Address
Acknowledge Bit
Control Code
Block
Select
Bits
1
010
x
x
B
0 R/W
A
7
A
0
••
•
•
•
•
Control Byte
Address Low Byte
Control
Code
Block
Select
bits
x = “don’t care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com