Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC01B-I/MC Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC01B-I/MC
Description  1K I2C??Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC01B-I/MC Datasheet(HTML) 1 Page - Microchip Technology

  24LC01B-I/MC Datasheet HTML 1Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 2Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 3Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 4Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 5Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 6Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 7Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 8Page - Microchip Technology 24LC01B-I/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2009 Microchip Technology Inc.
DS21711J-page 1
24AA01/24LC01B
Device Selection Table
Features:
• Single Supply with Operation down to 1.7V for
24AAXX Devices, 2.5V for 24LCXX Devices
• Low-Power CMOS Technology:
- Read current 1 mA, max.
- Standby current 1
μA, max. (I-temp)
• 2-Wire Serial Interface, I2C™ Compatible
• Schmitt Trigger inputs for Noise Suppression
• Output Slope Control to eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• Page Write Time 3 ms, typical
• Hardware Write-Protect
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programmable Available
• Packages include 8-lead PDIP, SOIC, TSSOP,
DFN, TDFN, MSOP, 5-lead SOT-23 and SC-70
• Pb-free and RoHS Compliant
• Temperature Ranges:
- Industrial (I):
-40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA01/24LC01B
(24XX01*) is a 1 Kbit Electrically Erasable PROM. The
device is organized as one block of 128 x 8-bit memory
with a 2-wire serial interface. Low-voltage design
permits operation down to 1.7V with standby and active
currents of only 1
μA and 1 mA, respectively. The
24XX01 also has a page write capability for up to 8
bytes of data. The 24XX01 is available in the standard
8-pin PDIP, surface mount SOIC, TSSOP, 2x3 DFN,
2x3 TDFN and MSOP packages, and is also available
in the 5-lead SOT-23 and SC-70 packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA01
1.7-5.5
400 kHz(1)
I
24LC01B
2.5-5.5
400 kHz
I, E
Note 1:
100 kHz for VCC <2.5V.
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
DFN/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23/SC-70
15
4
3
SCL
Vss
SDA
WP
Vcc
2
Note:
Pins A0, A1 and A2 are not used by the 24XX01 (no
internal connections).
8
7
6
5
1
2
3
4
HV Generator
EEPROM
Array
Page Latches
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
1K I2C™ Serial EEPROM


Similar Part No. - 24LC01B-I/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC01B-I/P MICROCHIP-24LC01B-I/P Datasheet
607Kb / 34P
1K I2C Serial EEPROM
02/04/09
More results

Similar Description - 24LC01B-I/MC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_10 Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24LC01B-SN MICROCHIP-24LC01B-SN Datasheet
515Kb / 35P
1K I2C??Serial EEPROM
2009
24LC01BP MICROCHIP-24LC01BP Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009 02/04/09
24LC01BT-I MICROCHIP-24LC01BT-I Datasheet
607Kb / 34P
1K I2C Serial EEPROM
02/04/09
24LC01B-I MICROCHIP-24LC01B-I Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com