Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSRGHC5B32A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSRGHC5B32A
Description  5mm Round Red & Yellow Green LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSRGHC5B32A Datasheet(HTML) 1 Page - OptoSupply International

  OSRGHC5B32A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
5
5m
mm
m R
Ro
ou
un
nd
d R
Re
ed
d &
& Y
Ye
ellllo
ow
w G
Gr
re
ee
en
n
L
LE
ED
D
OSRGHC5B32A
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
5mm Round Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
White Diffused Type
■
Applications
●
Toys
●
Games
●
Audio
●
Other Lighting
2.54
2.54
0.5+0.1
Unit:mm
Tolerance:+0.3mm
5.0
1
2
3
2.Common Cathode
1,3.Anode
2
1
3
Red
YG
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Value
Item
Symbol
Red
YG
Unit
DC Forward Current
IF
30
30
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
72
72
mW
Operating Temperature
Topr
-30~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0.5
30°
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF (Red)
IF=20mA
1.8
2.1
2.4
V
DC Forward Voltage
VF (YG)
IF=20mA
1.8
2.1
2.4
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD (Red)
IF=20mA
620
625
630
nm
Domi. Wavelength*
λD (YG)
IF=20mA
565
570
575
nm
Iv (Red)
IF=20mA
-
750
-
mcd
Luminous Intensity*
Iv (YG)
IF=20mA
-
550
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
30
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OSRGHC5B32A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRGHC5B32A OPTOSUPPLY-OSRGHC5B32A Datasheet
107Kb / 1P
5mm Round Red & Yellow Green LED
OSRGHC5B32A OPTOSUPPLY-OSRGHC5B32A_09 Datasheet
107Kb / 1P
5mm Round Red & Yellow Green LED
More results

Similar Description - OSRGHC5B32A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRGHC5B31A OPTOSUPPLY-OSRGHC5B31A Datasheet
101Kb / 1P
5mm Round Red & Yellow Green LED
OSRGHS5A31A OPTOSUPPLY-OSRGHS5A31A Datasheet
97Kb / 1P
5mm Round Bi-Color Flashing Red & Yellow Green LED
OSYGHC5B31A OPTOSUPPLY-OSYGHC5B31A Datasheet
100Kb / 1P
5mm Round Yellow & Yellow Green LED
OSYGHC5B32A OPTOSUPPLY-OSYGHC5B32A Datasheet
101Kb / 1P
5mm Round Yellow & Yellow Green LED
OSRGHC5B31A OPTOSUPPLY-OSRGHC5B31A_11 Datasheet
110Kb / 1P
5mm Round Red & Yellow Green LED
OSRGHC5B32A OPTOSUPPLY-OSRGHC5B32A_09 Datasheet
107Kb / 1P
5mm Round Red & Yellow Green LED
OSYGHC5B31A OPTOSUPPLY-OSYGHC5B31A_09 Datasheet
107Kb / 1P
5mm Round Yellow & Yellow Green LED
OSYGHC5B32A OPTOSUPPLY-OSYGHC5B32A_09 Datasheet
107Kb / 1P
5mm Round Yellow & Yellow Green LED
OSG8NU5111A-1MA OPTOSUPPLY-OSG8NU5111A-1MA Datasheet
109Kb / 1P
5mm Round Yellow green LED
OSTSLT3E34X-3F3C OPTOSUPPLY-OSTSLT3E34X-3F3C Datasheet
123Kb / 1P
3mm Round Yellow Green & Yellow & Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com