Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSTBMAS2C2A Datasheet(PDF) 1 Page - OptoSupply International

Part # OSTBMAS2C2A
Description  3.5x2.8x1.9mm Red & Green & Blue SMD LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTBMAS2C2A Datasheet(HTML) 1 Page - OptoSupply International

  OSTBMAS2C2A Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m R
Re
ed
d &
& G
Gr
re
ee
en
n &
& B
Bllu
ue
e S
SM
MD
D
L
LE
ED
D
OSTBMAS2C2A
■
Features
■
Outline Dimension
●
High Luminous PLCC4 Top SMD LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
White Diffused Type
■
Applications
●
Toys
●
Audio
●
Games
●
Other Lighting
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Value
Item
Symbol
Red
G/B
Unit
DC Forward Current
IF
30
30
mA
Pulse Forward Current*
IFP
100
100
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
72
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25
)
℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VF (Red)
IF=20mA
1.8
2.1
2.4
V
DC Forward Voltage
VF (G/B)
IF=20mA
2.9
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λD(Red)
IF=20mA
619
624
629
nm
λD(Green)
IF=20mA
520
525
530
nm
Domi. Wavelength*
λD(Blue)
IF=20mA
465
470
475
nm
Iv(Red)
IF=20mA
-
500
-
mcd
Iv(Green)
IF=20mA
-
450
-
mcd
Luminous Intensity*
Iv(Blue)
IF=20mA
-
200
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
1.9
2.8
2.2
0.1Typ.
1
4
2
3
2
2. Common Anode
1. Red
4.Pure Green
3.Blue
Unit:mm
Tolerance:±0.20mm
4
31


Similar Part No. - OSTBMAS2C2A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTBMAS2C2A OPTOSUPPLY-OSTBMAS2C2A Datasheet
130Kb / 2P
3.5x2.8x1.9mm Red & Green & Blue SMD LED
OSTBMAS2C2A OPTOSUPPLY-OSTBMAS2C2A_12 Datasheet
130Kb / 2P
3.5x2.8x1.9mm Red & Green & Blue SMD LED
More results

Similar Description - OSTBMAS2C2A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSRBS4S2C1A OPTOSUPPLY-OSRBS4S2C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Red & Blue SMD LED
OSRPS4S2C1A OPTOSUPPLY-OSRPS4S2C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Red & Green SMD LED
OSTBMAS2C1A OPTOSUPPLY-OSTBMAS2C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Red & Green & Blue SMD LED
OSTB8BS5C2B OPTOSUPPLY-OSTB8BS5C2B Datasheet
116Kb / 1P
3.5x2.8x1.9mm Red & Pure Green & Blue Top SMD LED
OSTB8CS2C2B OPTOSUPPLY-OSTB8CS2C2B Datasheet
114Kb / 1P
3.5x2.8x1.9mm Red & Pure Green & Blue SMD LED
OSRBS4S2C1A OPTOSUPPLY-OSRBS4S2C1A_12 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Red & Blue SMD LED
OSTBMAS2C1A OPTOSUPPLY-OSTBMAS2C1A_12 Datasheet
110Kb / 1P
3.5x2.8x1.9mm Red & Green & Blue SMD
OSTBMAS2C2A OPTOSUPPLY-OSTBMAS2C2A_12 Datasheet
130Kb / 2P
3.5x2.8x1.9mm Red & Green & Blue SMD LED
OSR7CAS1C1A OPTOSUPPLY-OSR7CAS1C1A Datasheet
180Kb / 1P
3.5x2.8x1.9mm Red SMD LED
OSTBPCS2C2B OPTOSUPPLY-OSTBPCS2C2B Datasheet
200Kb / 3P
3.5x2.8x1.9mm Red & Green & Blue SMD LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com