Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSW5DLZ2C1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSW5DLZ2C1P
Description  Super Flux Pure White LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5DLZ2C1P Datasheet(HTML) 1 Page - OptoSupply International

  OSW5DLZ2C1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VER A.0
S
Su
up
pe
er
r F
Fllu
ux
x P
Pu
ur
re
e W
Wh
hiitte
e
L
LE
ED
D
OSW5DLZ2C1P
*1 Tolerance of chromaticity coordinates is +10%
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies
■
Features
■
Outline Dimension
●
High Luminous Super Flux Output
●
5 ø Standard Directivity
●
Long Lifetime Operation (Up to 100,000hours)
●
Superior Weather-resistance
●
UV Resistant Epoxy
●
Water Clear Type
■
Applications
●
Automotive Dashboard Lighting
●
Small Area Illuminations
●
Back Lighting
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
2
3
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
■
Absolute Maximum Rating
(Ta=25
)
℃
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
35
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
133
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■
Electrical -Optical Characteristics
(Ta=25
)
℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=30mA
3.0
3.3
3.8
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Intensity*
Iv
IF=30mA
-
8800
-
mcd
x
IF=30mA
-
0.27
-
Chromaticity
Coordinates*
y
IF=30mA
-
0.28
-
50% Power Angle
2θ1/2
IF=30mA
-
120
-
deg


Similar Part No. - OSW5DLZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DLZ2C1D OPTOSUPPLY-OSW5DLZ2C1D Datasheet
102Kb / 1P
Super Flux Pure White LED
OSW5DLZ2C1D-X OPTOSUPPLY-OSW5DLZ2C1D-X Datasheet
184Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSW5DLZ2C1D-X OPTOSUPPLY-OSW5DLZ2C1D-X Datasheet
193Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module Long life, easy installation
More results

Similar Description - OSW5DLZ2C1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DAZ3K1D OPTOSUPPLY-OSW5DAZ3K1D Datasheet
98Kb / 1P
Super Flux Pure White LED
OSW5DLZ161D OPTOSUPPLY-OSW5DLZ161D Datasheet
106Kb / 1P
Super Flux Pure White LED
OSW44DZ4E1P OPTOSUPPLY-OSW44DZ4E1P Datasheet
103Kb / 1P
Super Flux Pure White LED
OSW44LZ4E1P OPTOSUPPLY-OSW44LZ4E1P Datasheet
101Kb / 1P
Super Flux Pure White LED
OSW57LZ2C1D OPTOSUPPLY-OSW57LZ2C1D Datasheet
156Kb / 1P
Super Flux Pure White LED
OSW57LZ3K1D OPTOSUPPLY-OSW57LZ3K1D Datasheet
154Kb / 1P
Super Flux Pure White LED
OSW44DZ5D1P OPTOSUPPLY-OSW44DZ5D1P Datasheet
115Kb / 1P
Super Flux Pure White LED
OSW443Z5D1P OPTOSUPPLY-OSW443Z5D1P Datasheet
115Kb / 1P
Super Flux Pure White LED
OSW44DZ4E1P_1008 OPTOSUPPLY-OSW44DZ4E1P_1008 Datasheet
102Kb / 1P
Super Flux Pure White LED
OS4WMEZ2C1P OPTOSUPPLY-OS4WMEZ2C1P Datasheet
69Kb / 1P
Super Flux Pure White LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com