Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA119CE Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA119CE
Description  Video Power Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA119CE Datasheet(HTML) 2 Page - Cirrus Logic

  PA119CE Datasheet HTML 1Page - Cirrus Logic PA119CE Datasheet HTML 2Page - Cirrus Logic PA119CE Datasheet HTML 3Page - Cirrus Logic PA119CE Datasheet HTML 4Page - Cirrus Logic PA119CE Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA119CE • PA119CEA
2
PA119U
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
80V
OUTPUT CURRENT, within SOA
5A
POWER DISSIPATION, internal
75W
INPUT VOLTAGE, differential
40V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder — 10 sec
300°C
TEMPERATURE, junction1
175°C
TEMPERATURE, storage
–65 to 150°C
OPERATING TEMPERATURE RANGE, case
–55 to 125°C
PA119
PA119A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±.5
±3
±.35
±.75
mV
OFFSET VOLTAGE, vs. temperature
T
C = 25°C to +85°C
10
30
5
15
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
10
*
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C to +85°C
20
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
10
200
5
50
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
5
100
3
25
pA
INPUT IMPEDANCE, DC
T
C = 25°C
1011
*
INPUT CAPACITANCE
T
C = 25°C
6
*
pF
COMMON MODE VOLTAGE RANGE3
T
C = 25°C to +85°C
±V
S–15 ±VS–12
*
*
V
COMMON MODE REJECTION, DC
T
C = 25°C to +85°C, VCM = ±20V
70
104
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = 1KΩ
111
*
dB
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = 15Ω
74
88
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, CC = 2.2pF
100
*
MHz
POWER BANDWIDTH, A
V = 100
T
C = 25°C, CC = 2.2pF
3.5
*
MHz
POWER BANDWIDTH, A
V = 1
T
C = 25°C, CC = 330pF
250
*
kHz
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 4A
±V
S–5
±V
S–1.5
*
*
V
VOLTAGE SWING3
T
C = 25°C to +85°C, IO = 2A
±V
S–3
±V
S–.75
*
*
V
VOLTAGE SWING3
T
C = 25°C to +85°C, IO = 78mA
±V
S–1
±V
S–.5
*
*
V
SETTLING TIME to .1%
T
C = 25°C, 2V step
.3
*
µs
SETTLING TIME to .01%
T
C = 25°C, 2V step
1.2
*
µs
SLEW RATE, A
V = 100
T
C = 25°C, CC = 2.2pF
600
900
750
*
V/µs
SLEW RATE, A
V = 10
T
C = 25°C, CC = 22pF
650
*
V/µs
POWER SUPPLY
VOLTAGE
T
C = 25°C to +85°C
±15
±35
±40
*
*
*
V
CURRENT, quiescent
T
C = 25°C
100
120
*
*
mA
THERMAL
RESISTANCE, AC, junction to case4
T
C = 25°C to +85°C, F > 60Hz
1.46
1.64
*
*
°C/W
RESISTANCE, DC, junction to case
T
C = 25°C to +85°C, F < 60Hz
1.84
2.0
*
*
°C/W
RESISTANCE, junction to air
T
C = 25°C to +85°C
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
*
*
°C
NOTES:
*
The specification of PA119A is identical to the specification for PA119 in applicable column to the left.
1.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF.
2.
The power supply voltage for all specifications is the TYP rating unless noted as a test condition.
3.
+V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4.
Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com