Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA243 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA243
Description  High Voltage Power Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA243 Datasheet(HTML) 2 Page - Cirrus Logic

  PA243 Datasheet HTML 1Page - Cirrus Logic PA243 Datasheet HTML 2Page - Cirrus Logic PA243 Datasheet HTML 3Page - Cirrus Logic PA243 Datasheet HTML 4Page - Cirrus Logic PA243 Datasheet HTML 5Page - Cirrus Logic PA243 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P r o d u c t I n n o v a t i o n F r o m
PA243
2
PA243U
pArAMeter
test CoNDitioNs1
MiN
tYp
MAX
UNits
iNpUt
OFFSET VOLTAGE, initial
25
40
mV
OFFSET VOLTAGE, vs. temperature3
25°C to 85°C
100
250
µV/°C
OFFSET VOLTAGE, vs. temperature3
-25°C to25°C
270
500
µV/°C
OFFSET VOLTAGE, vs supply
3
µV/V
OFFSET VOLTAGE, vs time
70
130
µV/kh
BIAS CURRENT, initial
50
200
pA
BIAS CURRENT, vs supply
2
pA/V
OFFSET CURRENT, initial
50
200
pA
INPUT IMPEDANCE, DC
1011
INPUT CAPACITANCE
6
pF
COMMON MODE, voltage range
+V
S–14
V
COMMON MODE, voltage range
-V
S+12
V
COMMON MODE REJECTION, DC
V
CM = ±90V DC
84
94
dB
NOISE, broad band
10kHz BW, R
S = 1K
50
µV RMS
NOISE, low frequency
1-10 Hz
125
µV p-p
GAiN
OPEN LOOP at 15Hz
R
L = 5K
90
96
dB
BANDWIDTH, gain bandwidth product
3
MHz
POWER BANDWIDTH
280V p-p
30
kHz
oUtpUt
VOLTAGE SWING
I
O = 40mA
±V
S–12
±V
S–10
V
CURRENT, peak3
120
mA
CURRENT, continuous
60
mA
SETTLING TIME to .1%
10V step, A
V = –10
2
µs
SLEW RATE
C
C = 3.3pF
30
V/µs
RESISTANCE4, 1mA
R
CL = 0
150
Ω
RESISTANCE4, 40 mA
R
CL = 0
5
Ω
power sUppLY
VOLTAGE
±50
±150
±175
V
CURRENT, quiescent
2.2
2.5
mA
tHerMAL
RESISTANCE, junction to case
AC, single amplifier
F > 60Hz
6
7
°C/W
DC, single amplifier
F < 60Hz
9
11
°C/W
AC, both amplifiers5
3.3
4.0
°C/W
DC, both amplifiers5
5.0
6.0
°C/W
RESISTANCE, junction to air6
Full temperature range
25
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
°C
ABSOLUTEMAXIMUMRATINGS
SUPPLY VOLTAGE, +V
S to –VS
350V
OUTPUT CURRENT, continuous within SOA
60 mA
OUTPUT CURRENT, peak
120 mA
POWER DISSIPATION, continuous @ T
C = 25°C
12W
INPUT VOLTAGE, differential
±16 V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder – 10 sec
220°C
TEMPERATURE, junction2
150°C
TEMPERATURE, storage
–65 to +150°C
TEMPERATURE RANGE, powered (case)
–40 to +125°C
CAUTiOn
The PA243 is constructed from MOSFET transistors. ESD handling procedures must be observed.
SpECiFiCATiOnS
NOTES: 1.
Unless otherwise noted T
C = 25°C, CC = 6.8pF. DC input specifications are ± value given. Power supply voltage is typical rat-
ing.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Guaranteed but not tested.
4.
The selected value of R
CL must be added to the values given for total output resistance.
5.
Rating applies when power dissipation is equal in the two amplifiers.
6.
Rating applies with solder connection of heatslug to a minimum 1in2 foil area of the printed circuit board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com