Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB58 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PB58
Description  Power Booster Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PB58 Datasheet(HTML) 3 Page - Cirrus Logic

  PB58 Datasheet HTML 1Page - Cirrus Logic PB58 Datasheet HTML 2Page - Cirrus Logic PB58 Datasheet HTML 3Page - Cirrus Logic PB58 Datasheet HTML 4Page - Cirrus Logic PB58 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P r o d u c t I n n o v a t i o n F r o m
PB58 • PB58A
PB58U
3
–25
0
25
50
75
100
0
POWER DERATING
–25
25
125
0
1.5
2
CURRENT LIMIT
1
.5
100
10M
FREQUENCY, F (Hz)
0
60
SMALL SIGNAL RESPONSE
20
40
80
1K
10K
10M
–10
20
30
SMALL SIGNAL RESPONSE
10
1K
10K
10M
FREQUENCY, F (Hz)
–180
100K
1M
10M
FREQUENCY, F (Hz)
10
300
POWER RESPONSE
20
100
200
1
TIME, t (µs)
-80
PULSE RESPONSE
300
3K
30K
FREQUENCY, F (Hz)
.001
.1
HARMONIC DISTORTION
.01
.03
–25
75
CASE TEMPERATURE, T
C (°C)
0
QUIESCENT CURRENT
20
100
0
25
INPUT OFFSET VOLTAGE
.01
.05
2
OUTPUT CURRENT, I
O (A)
4
12
14
OUTPUT VOLTAGE SWING
10
300K
3M
1K
.003
SLEW RATE VS. TEMP.
0
300
400
100
200
0
50
75
100
40
SMALL SIGNAL RESPONSE
100K
1
1.5
8
-1.5
1K
10K
100K
1M
125
20
100K
1M
FREQUENCY, F (Hz)
6
50
125
5
10
15
-1
-.5
0
.5
1M
–135
–90
–45
0
30
10K
CASE TEMPERATURE, T
C (°C)
CASE TEMPERATURE, T
C (°C)
–180
–135
–90
–45
0
0
AV
CL = 10
AV
CL = 3
AV
CL = 25
AV
CL = 25
AV
CL = 10
AV
CL = 3
V
O +
V
O -
Vs = 100V
Vs = 30V
CASE TEMPERATURE, T
C (°C)
–25
75
100
0
25
50
125
Vs = 150V
–25
75
CASE TEMPERATURE, T
C (°C)
100
0
25
50
125
DRIVER = TL070
V
S = 60V
V
O = 95VP-P
60
80
100
R
CL =
.47Ω
R
CL =
.68Ω
R
CL = 1.5Ω
C
C = 22pF
C
C = 22pF
40
50
2
3
4
5
6
7
8
-60
-40
-20
0
20
40
60
80
-SLEW
+SLEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com