Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA60 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA60
Description  H-Bridge Motor Driver/Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA60 Datasheet(HTML) 3 Page - Cirrus Logic

  SA60_09 Datasheet HTML 1Page - Cirrus Logic SA60_09 Datasheet HTML 2Page - Cirrus Logic SA60_09 Datasheet HTML 3Page - Cirrus Logic SA60_09 Datasheet HTML 4Page - Cirrus Logic SA60_09 Datasheet HTML 5Page - Cirrus Logic SA60_09 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SA60U
3
P r o d u c t I n n o v a t i o n F r o m
SA60
NOTES:
1. (AllMin/MaxcharacteristicsandspecificationsareguaranteedovertheSpecifiedOperatingCondi-
tions.Typicalperformancecharacteristicsandspecificationsarederivedfrommeasurementstaken
attypicalsupplyvoltagesandTC=25°C,VCC=12VDC).
2. Longtermoperationatthemaximumjunctiontemperaturewillresultinreducedproductlife.Derate
powerdissipationtoachievehighMTTF.
3. Eachofthetwoactiveoutputtransistorscandissipate78W.
4. Derateto70VbelowTC=+25°C.
Parameter
Test Conditions1
Min
Typ
Max
Units
ThERMAL(Note3)
RESISTANCE,junctiontocase
Fulltemperaturerange,
foreachtransistor
1.6
°C/W
RESISTANCE,junctiontoair
Fulltemperaturerange
30
°C/W
TEMPERATURERANGE,case
-25
+85
°C
10
100
1000
10
100
1000
PWM FREQ VS EXT INT CAP
0
12
15
0
5
20
25
30
35
TOTAL VOLTAGE DROP
10
15
3
6
9
EXTERNAL INTEGRATION CAP, C (pF)
OUTPUT CURRENT, A
Vs QUIESCENT VS VOLTAGE
0.4
1.8
1.6
1.4
1.2
0.8
0.6
1
Vs, (V)
SWITCHING FREQUENCY, Fsw (KHz)
10
70
20
30
40 50
60
0
50
100
150
200
250
9
16
10
11
12
13
14
15
0.6
0.8
1.4
SOURCE TO DRAIN VOLTAGE
0.1
REVERSE DIODES
10
1
Vs QUIESCENT VS SWITCH FREQ
POWER DERATING
0
20
80
60
40
1.2
1.8
1.6
1
40
60
80
100
120
140
160
75
CASE TEMPERATURE, T
C (C)
100
0
25
50
125
Vcc VOLTAGE (V)
0.7
0.8
0.9
1
1.2
1.1
1.4
1.3
Vcc QUIESCENT VS VOLTAGE
1/6
5/6
ANALOG INPUT AS PROPORTION OF Vcc
0
DUTY CYCLE VS ANALOG INPUT
80
100
1/3
20
40
60
1/2
2/3
Cf (pF) = (1.44E7/Fsw)–50
Vcc I
Q VS SWITCH FREQ
SWITCHING FREQUENCY, Fsw (KHz)
1.6
1.5
1.4
1.3
1.2
1.1
1
25
50
75
100
125
A OUT
B OUT
T
C = 110°C
T
C = 85°C
T
C = 60°C
T
C = 35°C
0.9
0.8
0.6
0.2
80
25°C
85°C
EACH OUTPUT
TRANSISTOR
20
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com